Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REDIN45 Datasheet(PDF) 4 Page - Recom International Power

Part # REDIN45
Description  45 Watt DIN-Rail Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN45 Datasheet(HTML) 4 Page - Recom International Power

  REDIN45 Datasheet HTML 1Page - Recom International Power REDIN45 Datasheet HTML 2Page - Recom International Power REDIN45 Datasheet HTML 3Page - Recom International Power REDIN45 Datasheet HTML 4Page - Recom International Power REDIN45 Datasheet HTML 5Page - Recom International Power REDIN45 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC/DC Converter
PA-4
REV.: 3/2016
www.recom-power.com
Specifications (measured at TA= 25°C, 230VAC, full load and after warm up)
REDIN45
Series
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
UL94V-0 plastic
Paclage Dimension (WxHxD)
45.1 x 92.0 x 101.2mm
Package Weight
332g
continued on next page
7.5±0.2
101.2
45.1
75±0.3
35±0.1
DIN-RAIL mounting bracket
(75mm) included
SIDE MOUNTING
END MOUNTING
18±0.2
1±0.05
25.0
25.0
6.3±0.2
Side Latch
Release
End Latch
Release
Front Side
Front Side
DC OK
DC OK
DC OK
TRIM
Tolerance: ±0.5mm
FG N L
+V -V
FG N L
+V -V
Dimension Drawing (mm)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
CSA General Safety
E224736
UL-60950-1, 2nd Edition
UL-1310
C22.2 No. 60950-1-07, 2nd Edition
Industrial Control Equipment
General Use Power Supplies
E470721
UL-508
C22.2 No. 107.1
IEC/EN General Safety
E224736
IEC/EN-60950-1, 2nd Edition
Chinese Safety Standard
E224736
GB 4943.1-2011
EMC Compliance
Report / Condition
Standard / Criterion
EMI Standard
Report: HA150146
EN-55022, Class B
EN-55024, Class B
FCC15, Class B
ESD
Radiated Immunity
Fast Transient
Surge
Conducted Immunity
Power frequency magnetic field immunity test
Noise Immunity
Harmonic Immunity
Voltage Flicker
±8kV Contact & Air Discharge
10V/m, 80-3000MHz, 80% AM at 1kHz
Level 2
±2kV / L-N, ±4kV / L, N-FG
10Vrms, 0.15-80MHz, 80% AM at 1kHz
40% reduction, 200ms
70% reduction, 500ms
90% reduction, 5s
not applicable input below 75W
EN-61000-4-2, Criteria A
EN-61000-4-3, Criteria A
EN-61000-4-4, Criteria A
EN-61000-4-5, Criteria A
EN-61000-4-6, Criteria A
EN-61000-4-8, Criteria A
EN-61000-4-11, Criteria A
EN-61000-4-11, Criteria B
EN-61000-4-11, Criteria B
EN-61000-3-2
EN-61000-3-3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com