Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REDIN45 Datasheet(PDF) 3 Page - Recom International Power

Part # REDIN45
Description  45 Watt DIN-Rail Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REDIN45 Datasheet(HTML) 3 Page - Recom International Power

  REDIN45 Datasheet HTML 1Page - Recom International Power REDIN45 Datasheet HTML 2Page - Recom International Power REDIN45 Datasheet HTML 3Page - Recom International Power REDIN45 Datasheet HTML 4Page - Recom International Power REDIN45 Datasheet HTML 5Page - Recom International Power REDIN45 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-20°C to +70°C (see graph)
Operating Humidity
non-condensing
20% - 90%RH
Vibration
10-500Hz 2G, 60min.
Shock
3 times each axis
10G / 11ms, along X, Y and Z axis
Altitude
see derating graph
5000m
MTBF (+25°C)
MIL-HDBK-217F, 115VAC, 60Hz, 75% load
200 x 10³ hours
Design Lifetime (+40°C)
87.6 x 10³ hours
PA-3
REV.: 3/2016
www.recom-power.com
Specifications (measured at TA= 25°C, 230VAC, full load and after warm up)
REDIN45
Series
Derating Graph
Typical Characteristics
Load (%)
20
2000
3000
4000
5000
40
60
80
100
35°C
50°C
(45W)
Load (%)
20
2000
3000
4000
5000
40
60
80
100
35°C
40°C
(45W)
Vin
≤100VAC
Vin >100VAC
0
10
-10
-20
70
30
50
10
20
30
40
50
60
70
80
90
100
Temperature (°C)
24VDC
12VDC
0
10
-10
-20
70
30
50
10
20
30
40
50
60
70
80
90
100
Temperature (°C)
24VDC
12VDC
Load (%)
20
2000
3000
4000
5000
40
60
80
100
35°C
50°C
(45W)
Load (%)
20
2000
3000
4000
5000
40
60
80
100
35°C
40°C
(45W)
Vin
≤100VAC
Vin >100VAC
0
10
-10
-20
70
30
50
10
20
30
40
50
60
70
80
90
100
Temperature (°C)
24VDC
12VDC
0
10
-10
-20
70
30
50
10
20
30
40
50
60
70
80
90
100
Temperature (°C)
24VDC
12VDC
Vin
≤ 100VAC
Vin
> 100VAC
REDIN45-12
REDIN45-24



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com