Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754 Datasheet(PDF) 21 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 21 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 17Page - YAMAHA CORPORATION YMF754 Datasheet HTML 18Page - YAMAHA CORPORATION YMF754 Datasheet HTML 19Page - YAMAHA CORPORATION YMF754 Datasheet HTML 20Page - YAMAHA CORPORATION YMF754 Datasheet HTML 21Page - YAMAHA CORPORATION YMF754 Datasheet HTML 22Page - YAMAHA CORPORATION YMF754 Datasheet HTML 23Page - YAMAHA CORPORATION YMF754 Datasheet HTML 24Page - YAMAHA CORPORATION YMF754 Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
YMF754
June 28, 1999
-21-
44-45h: Subsystem Vendor ID Write
Read / Write
Default: 1073h
Access Bus Width: 16-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Subsystem Vendor ID Write
b[15:0] ........Subsystem Vendor ID Write
This register sets the Subsystem Vendor ID that is read from 2C-2Dh (Subsystem Vendor ID register).
The default value is the YAMAHA Vendor ID, 1073h.
IHVs must change this ID to their Vendor ID in
the BIOS POST routine.
In case EEPROM connects externally, this register is invalid, and do not reflect to Subsystem Vendor ID.
46-47h: Subsystem ID Write
Read / Write
Default: 0012h
Access Bus Width: 16-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Subsystem ID Write
b[15:0] ........Subsystem ID Write
This register sets the Subsystem ID that is read from 2E-2Fh (Subsystem ID register).
The default value is the DS-1E Device ID, 0012h.
IHVs must change this ID to their ID in the BIOS
POST routine.
In case EEPROM connects externally, this register is invalid, and do not reflect to Subsystem ID.
48-49h: DS-1E Control
Read / Write
Default: 0001h
Access Bus Width: 8, 16, 32-bit
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
-
-
-
-
-
-
-
-
-
-
-
-
ACLS WRST
-
CRST
b0................CRST: AC’97 Software Reset Signal Control
This bit controls the CRST# signal.
“0”: Inactive (CRST#=High)
“1”: Active (CRST#=Low)
(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com