Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754 Datasheet(PDF) 39 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 39 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 35Page - YAMAHA CORPORATION YMF754 Datasheet HTML 36Page - YAMAHA CORPORATION YMF754 Datasheet HTML 37Page - YAMAHA CORPORATION YMF754 Datasheet HTML 38Page - YAMAHA CORPORATION YMF754 Datasheet HTML 39Page - YAMAHA CORPORATION YMF754 Datasheet HTML 40Page - YAMAHA CORPORATION YMF754 Datasheet HTML 41Page - YAMAHA CORPORATION YMF754 Datasheet HTML 42Page - YAMAHA CORPORATION YMF754 Datasheet HTML 43Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
YMF754
June 28, 1999
-39-
2-2-3. SB Suspend / Resume
The SB block can read the internal state as to support Suspend and Resume functions.
The internal state
is made up of 268 flip flops.
To read the state, these states are shifted in order and read 8 bits at a time
from the SCAN DATA register.
These registers are mapped to the SB Mixer space (see SB Mixer Register map).
The registers have the
following functions.
F0h: Scan In/ Out Control
Read / Write
Default: 00h
b7
b6
b5
b4
b3
b2
b1
b0
SBPDA
-
-
-
SS
SM
SE
SBPDR
b0................SBPDR: Sound Blaster Power Down Request
This bit stops the internal state of the Sound Blaster block.
“0”: Normal
(default)
“1”: Stop
b1................SE: Scan Enable
This bit Shifts the internal state by 1 bit.
Setting a “1” followed by a “0” shifts the internal state.
b2................SM: Scan Mode
This bit sets whether to read or write the state.
“0”: Write
(default)
“1”: Read
b3................SS: Scan Select
This bit gives permission to read or write the internal data to the SCAN DATA register.
“0”: Normal operation (Do not allow read or write).
(default)
“1”: Allow read and write.
b7................SBPDA: Sound Blaster Power Down Acknowledgement
This bit indicates that the SB Block is ready to read or write to the internal state after setting SBPDR.
This bit is read only.
“0”: Read/Write not possible
“1”: Read/ Write possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com