Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754 Datasheet(PDF) 49 Page - YAMAHA CORPORATION

Part # YMF754
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754 Datasheet(HTML) 49 Page - YAMAHA CORPORATION

Back Button YMF754 Datasheet HTML 45Page - YAMAHA CORPORATION YMF754 Datasheet HTML 46Page - YAMAHA CORPORATION YMF754 Datasheet HTML 47Page - YAMAHA CORPORATION YMF754 Datasheet HTML 48Page - YAMAHA CORPORATION YMF754 Datasheet HTML 49Page - YAMAHA CORPORATION YMF754 Datasheet HTML 50Page - YAMAHA CORPORATION YMF754 Datasheet HTML 51Page - YAMAHA CORPORATION YMF754 Datasheet HTML 52Page - YAMAHA CORPORATION YMF754 Datasheet HTML 53Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
YMF754
June 28, 1999
-49-
7. Zoomed Video Port
Zoomed Video Port is defined in the PC Card Standard (PCMCIA) applicable to the notebook PC or other
systems.
This port is used to directly output video and/or audio signals onto the PCMCIA bus for D/A
conversion process, and connect them directly to the video and/or audio signal processing chips on the PC
system.
Its major applications include MPEG decoder card and video capture card, etc.
Because the video and/or audio signals on the Zoomed Video Port have been output in synchronized
condition, DS-1E mixes it with the other audio signals, and outputs to AC’97 or SPDIF.
Audio signals to be transferred on the Zoomed Video Port include bit clock (SCLK), L/R clock (LRCK) and
serial data (DATA), and they are provided as outputs in the format defined below.
This is generally called
I
2S format.
15 14 13 12 11 10 9 876 543 210
15 14 13 12 11 10 987 65432 10
LEFT Channel
RIGHT Channel
SCLK
DATA
LRCK
In the Zoomed Video Port, synchronization with a master clock supplied from the bus is inherently required.
However, DS-1E can asynchronously process audio signal input via the Zoomed Video Port, eliminating the
need for master clock.
Sampling rate of the audio signals input via the Zoomed Video Port is resampled to 96.0kHz sampling
frequency at the stage followed by the SRC block, then converted to 48.0kHz sampling rate in the SRC block
stage.
Sampling rates to be supported on the Zoomed Video Port include 22.05kHz, 32.0kHz, 44.1kHz and
48.0kHz.
Interface connection arrangement between the DS-1E and the Zoomed Video Port is as illustrated below.
ZVBCLK
DS-1E
ZV Port
ZVLRCK
ZVSDI
MCLK
DATA
LRCK
SCLK
Open
The Zoomed Video Port is used to be selected between SPDIF input on YMF744B (DS-1S).
However, on
DS-1E, the both functions can be used at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com