Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTR Datasheet(HTML) 4 Page - Texas Instruments

  BQ20Z95DBTR Datasheet HTML 1Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 2Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 3Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 4Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 5Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 6Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 7Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 8Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
bq20z95
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O(1)
DESCRIPTION
NO.
NAME
Cell voltage sense input and cell balancing input for the positive voltage of the second lowest cell in
40
VC3
IA, P
cell stack and the negative voltage of the second highest cell in 4-series cell applications.
Cell voltage sense input and cell balancing input for the positive voltage of the second highest cell
41
VC2
IA, P
and the negative voltage of the highest cell in 4 cell applications. Connect to VC3 in 2-cell stack
applications.
Cell voltage sense input and cell balancing input for the positive voltage of the highest cell in cell
42
VC1
IA, P
stack in 4-cell applications. Connect to VC2 in 3- or 2-series cell applications.
43
BAT
I, P
Battery stack voltage sense input
44
CHG
O
High side N-chan charge FET gate drive
ABSOLUTE MAXIMUM RATINGS
Over Operating Free-Air Temperature (unless otherwise noted)
(1)
DESCRIPTION
PIN
UNIT
VBAT, VCC
–0.3 V to 34 V
PACK, PMS
–0.3 V to 34 V
VSS
Supply voltage range
VC(n)-VC(n+1); n = 1, 2, 3, 4
–0.3 V to 8.5 V
VC1, VC2, VC3, VC4
–0.3 V to 34 V
VC5
–0.3 V to 1 V
PFIN, SMBD, SMBC, LED1, LED2,
–0.3 V to 6 V
LED3, LED4, LED5, DISP
TS1, TS2, SAFE, VCELL+, PRES;
–0.3 V to V(REG25) + 0.3 V
VIN
Input voltage range
ALERT
MRST, GSRN, GSRP, RBI
–0.3 V to V(REG25) + 0.3 V
ASRN, ASRP
–1 V to 1 V
DSG, CHG, GPOD
–0.3 V to 34 V
ZVCHG
–0.3 V to V (BAT)
VOUT
Output voltage range
TOUT, ALERT, REG33
–0.3 V to 6 V
RESET
–0.3 V to 7 V
REG25
–0.3 V to 2.75 V
PRES, PFIN, SMBD, SMBC, LED5,
ISS
Maximum combined sink current for input pins
50 mA
LED4, LED3, LED2, LED1
TA
Operating free-air temperature range
–40°C to 85°C
TF
Functional temperature
–40°C to 100°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com