Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ20Z95DBTR Datasheet HTML 3Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 4Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 5Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 6Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 7Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 8Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 9Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 10Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
bq20z95
www.ti.com
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, V(REG25) = 2.41 V to 2.59 V, V(BAT) =
14 V, C(REG25) = 1 µF, C(REG33) = 2.2 µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HARDWARE SHORT CIRCUIT AND OVERLOAD PROTECTION; TA = 25°C (unless otherwise noted)
VOL = 25 mV (min)
15
25
35
OL detection threshold voltage
V(OL)
VOL = 100 mV; RSNS = 0, 1
90
100
110
mV
accuracy
VOL = 205 mV (max)
185
205
225
V(SCC) = 50 mV (min)
30
50
70
SCC detection threshold voltage
V(SCC)
V(SCC) = 200 mV; RSNS = 0, 1
180
200
220
mV
accuracy
V(SCC) = 475 mV (max)
428
475
523
V(SCD) = –50 mV (min)
–30
–50
–70
SCD detection threshold voltage
V(SCD)
V(SCD) = –200 mV; RSNS = 0, 1
–180
–200
–220
mV
accuracy
V(SCD) = –475 mV (max)
–428
–475
–523
tda
Delay time accuracy
±15.25
μs
tpd
Protection circuit propagation delay
50
μs
FET DRIVE CIRCUIT; TA = 25°C (unless otherwise noted)
V(DSGON) = V(DSG) – V(PACK); V(GS) = 10 MΩ; DSG and
V(DSGON)
DSG pin output on voltage
CHG on;
8
12
16
V
TA = –40°C to 100°C
V(CHGON) = V(CHG) – V(BAT); V(GS) = 10 MΩ; DSG and
V(CHGON)
CHG pin output on voltage
CHG on;
8
12
16
V
TA = –40°C to 100°C
V(DSGOFF)
DSG pin output off voltage
V(DSGOFF) = V(DSG) – V(PACK)
0.2
V
V(CHGOFF)
CHG pin output off voltage
V(CHGOFF) = V(CHG) – V(BAT)
0.2
V
CL= 4700 pF; V(PACK) ≤ DSG ≤ V(PACK) + 4V
400
1000
tr
Rise time
μs
CL= 4700 pF; V(BAT) ≤ CHG ≤ V(BAT) + 4V
400
1000
CL= 4700pF; V(PACK) + V(DSGON) ≤ DSG ≤ V(PACK) + 1V
40
200
tf
Fall time
μs
CL= 4700 pF; V(BAT) + V(CHGON) ≤ CHG ≤ V(BAT) + 1 V
40
200
V(ZVCHG)
ZVCHG clamp voltage
BAT = 4.5 V
3.3
3.5
3.7
V
LOGIC; TA = –40°C to 100°C (unless otherwise noted)
ALERT
60
100
200
R(PULLUP)
Internal pullup resistance
k
Ω
RESET
1
3
6
ALERT
0.2
VOL
Logic low output voltage level
RESET; V(BAT) = 7V; V(REG25) = 1.5 V; I (RESET) = 200 μA
0.4
V
GPOD; I(GPOD) = 50 μA
0.6
LOGIC SMBC, SMBD, PFIN, PRES, SAFE, ALERT
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
VREG25–0
VOH
Output voltage high(1)
IL = –0.5 mA
V
.5
VOL
Low-level output voltage
PRES, PFIN, ALERT, IL = 7 mA;
0.4
V
CI
Input capacitance
5
pF
I(SAFE)
SAFE source currents
SAFE active, SAFE = V(REG25) –0.6 V
–3
mA
Ilkg(SAFE)
SAFE leakage current
SAFE inactive
–0.2
0.2
µA
Ilkg
Input leakage current
1
µA
ADC(2)
Input voltage range
TS1, TS2, using Internal Vref
–0.2
1
V
Conversion time
31.5
ms
Resolution (no missing codes)
16
bits
Effective resolution
14
15
bits
Integral nonlinearity
±0.03
%FSR(3)
(1)
RC[0:7] bus
(2)
Unless otherwise specified, the specification limits are valid at all measurement speed modes.
(3)
Full-scale reference
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com