Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ20Z95DBTR Datasheet HTML 5Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 6Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 7Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 8Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 9Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 10Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 11Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 12Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
bq20z95
www.ti.com
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
DATA FLASH CHARACTERISTICS (Over Recommended Operating Temperature and Supply
Voltage) (continued)
Typical Values at TA = 25°C and V(REG25) = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
10
Years
Flash programming write-cycles
20k
Cycles
t(ROWPROG)
Row programming time
See (1)
2
ms
t(MASSERASE) Mass-erase time
200
ms
t(PAGEERASE) Page-erase time
20
ms
I(DDPROG)
Flash-write supply current
5
10
mA
I(DDERASE)
Flash-erase supply current
5
10
mA
RAM BACKUP
V(RBI) > V(RBI)MIN, VREG25 < VIT–,
1000
2500
TA = 85°C
I(RB)
RB data-retention input current
nA
V(RBI) > V(RBI)MIN, VREG25 < VIT–,
90
220
TA = 25°C
V(RB)
RB data-retention input voltage(1)
1.7
V
(1)
Specified by design. Not production tested.
SMBUS TIMING CHARACTERISTICS
TA = –40°C to 85°C Typical Values at TA = 25°C and VREG25 = 2.5 V (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(SMB)
SMBus operating frequency
SLAVE mode, SMBC 50% duty cycle
10
100
kHz
f(MAS)
SMBus master clock frequency
MASTER mode, No clock low slave extend
51.2
kHz
Bus free time between start and stop
t(BUF)
4.7
µs
(see Figure 1)
t(HD:STA)
Hold time after (repeated) start (see
4
µs
Figure 1)
t(SU:STA)
Repeated start setup time (see Figure 1)
4.7
µs
t(SU:STO)
Stop setup time (see Figure 1)
4
µs
t(HD:DAT)
RECEIVE mode
0
ns
Data hold time (see Figure 1)
TRANSMIT mode
300
t(SU:DAT)
Data setup time (see Figure 1)
250
ns
t(TIMEOUT)
Error signal/detect (see Figure 1)
See (1)
25
35
µs
t(LOW)
Clock low period (see Figure 1)
4.7
µs
t(HIGH)
Clock high period (see Figure 1)
See (2)
4
50
µs
t(LOW:SEXT) Cumulative clock low slave extend time
See (3)
25
µs
Cumulative clock low master extend time
t(LOW:MEXT)
See (4)
10
µs
(see Figure 1)
tf
Clock/data fall time
See (5)
300
ns
tr
Clock/data rise time
See (6)
1000
ns
(1)
The bq20z95 times out when any clock low exceeds t(TIMEOUT).
(2)
t(HIGH), Max, is the minimum bus idle time. SMBC = SMBD = 1 for t > 50 ms causes reset of any transaction involving bq20z95 that is in
progress. This specification is valid when the NC_SMB control bit remains in the default cleared state (CLK[0]=0).
(3)
t(LOW:SEXT) is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(4)
t(LOW:MEXT) is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to the stop.
(5)
Rise time tr = VILMAX – 0.15) to (VIHMIN + 0.15)
(6)
Fall time tf = 0.9VDD to (VILMAX – 0.15)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com