Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBTR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTR Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ20Z95DBTR Datasheet HTML 9Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 10Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 11Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 12Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 13Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 14Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 15Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 16Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
bq20z95
www.ti.com
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
COMMUNICATIONS
The bq20z95 uses SMBus v1.1 with MASTER mode and package error checking (PEC) options per the SBS
specification.
SMBus On and Off State
The bq20z95 detects an SMBus off state when SMBC and SMBD are logic-low for
≥ 2 seconds. Clearing this
state requires either SMBC or SMBD to transition high. Within 1 ms, the communication bus is available.
SBS Commands
Table 2. SBS COMMANDS
SBS
Size in
Min
Max
Default
Mode
Name
Format
Unit
Cmd
Bytes
Value
Value
Value
0x00
R/W
ManufacturerAccess
hex
2
0x0000
0xffff
—
0x01
R/W
RemainingCapacityAlarm
unsigned int
2
0
65535
—
mAh or
10 mWh
0x02
R/W
RemainingTimeAlarm
unsigned int
2
0
65535
—
min
0x03
R/W
BatteryMode
hex
2
0x0000
0xffff
—
0x04
R/W
AtRate
signed int
2
–32768
32767
—
mA or 10
mW
0x05
R
AtRateTimeToFull
unsigned int
2
0
65535
—
min
0x06
R
AtRateTimeToEmpty
unsigned int
2
0
65535
—
min
0x07
R
AtRateOK
unsigned int
2
0
65535
—
0x08
R
Temperature
unsigned int
2
0
65535
—
0.1°K
0x09
R
Voltage
unsigned int
2
0
20000
—
mV
0x0a
R
Current
signed int
2
–32768
32767
—
mA
0x0b
R
AverageCurrent
signed int
2
–32768
32767
—
mA
0x0c
R
MaxError
unsigned int
1
0
100
—
%
0x0d
R
RelativeStateOfCharge
unsigned int
1
0
100
—
%
0x0e
R
AbsoluteStateOfCharge
unsigned int
1
0
100
—
%
0x0f
R/W
RemainingCapacity
unsigned int
2
0
65535
—
mAh or
10 mWh
0x10
R
FullChargeCapacity
unsigned int
2
0
65535
—
mAh or
10 mWh
0x11
R
RunTimeToEmpty
unsigned int
2
0
65535
—
min
0x12
R
AverageTimeToEmpty
unsigned int
2
0
65535
—
min
0x13
R
AverageTimeToFull
unsigned int
2
0
65535
—
min
0x14
R
ChargingCurrent
unsigned int
2
0
65535
—
mA
0x15
R
ChargingVoltage
unsigned int
2
0
65535
—
mV
0x16
R
BatteryStatus
unsigned int
2
0x0000
0xffff
—
0x17
R/W
CycleCount
unsigned int
2
0
65535
—
0x18
R/W
DesignCapacity
unsigned int
2
0
65535
—
mAh or
10 mWh
0x19
R/W
DesignVoltage
unsigned int
2
7000
16000
14400
mV
0x1a
R/W
SpecificationInfo
unsigned int
2
0x0000
0xffff
0x0031
0x1b
R/W
ManufactureDate
unsigned int
2
0
65535
0
0x1c
R/W
SerialNumber
hex
2
0x0000
0xffff
0x0001
0x20
R/W
ManufacturerName
String
11+1
—
—
Texas
ASCII
Instruments
0x21
R/W
DeviceName
String
7+1
—
—
bq20z95
ASCII
0x22
R/W
DeviceChemistry
String
4+1
—
—
LION
ASCII
0x23
R
ManufacturerData
String
14+1
—
—
—
ASCII
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com