Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ20Z95DBTRG4
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  BQ20Z95DBTRG4 Datasheet HTML 1Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 2Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 3Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 4Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 5Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 6Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 7Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 8Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
bq20z95
www.ti.com
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
TERMINAL FUNCTIONS
TERMINAL
I/O(1)
DESCRIPTION
NO.
NAME
1
DSG
O
High-side N-chan discharge FET gate drive
Battery pack input voltage sense input. It also serves as device wake up when device is in
2
PACK
IA, P
SHUTDOWN mode.
Positive device supply input. Connect to the center connection of the CHG FET and DSG FET to
3
VCC
P
ensure device supply either from battery stack or battery pack input.
4
ZVCHG
O
P-chan pre-charge FET gate drive
High voltage general purpose open drain output. Can be configured to be used in pre-charge
5
GPOD
OD
condition.
PRE-CHARGE mode setting input. Connect to PACK to enable 0-V pre-charge using charge FET
6
PMS
I
connected at CHG pin. Connect to VSS to disable 0-V pre-charge using charge FET connected at
CHG pin.
7
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device.
8
REG33
P
3.3-V regulator output. Connect at least a 2.2-
μF capacitor to REG33 and VSS.
9
TOUT
P
Thermistor bias supply output
Internal cell voltage multiplexer and amplifier output. Connect a 0.1-
μF capacitor to VCELL+ and
10
VCELL+
—
VSS.
Alert output. In case of short circuit condition, overload condition and watchdog time out this pin will
11
ALERT
I/OD
be triggered.
12
NC
—
Not connected
13
TS1
IA
Temperature sensor 1 input
14
TS2
IA
Temperature sensor 2 input
15
PRES
I/OD
System/Host present input
16
PFIN
I/OD
Fuse blow detection input
17
SAFE
I/OD
Blow fuse signal output
18
SMBD
I/OD
SMBus data line
19
NC
—
Not connected
20
SMBC
I/OD
SMBus clock line
21
DISP
I/OD
Display enable input
22
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device.
23
LED1
I
LED 1 current sink input
24
LED2
I
LED 2 current sink input
25
LED3
I
LED 3 current sink input
26
LED4
I
LED 4 current sink input
27
LED5
I
LED 5 current sink input
28
GSRP
IA
Coulomb counter differential input. Connect to one side of the sense resistor.
29
GSRN
IA
Coulomb counter differential input. Connect to one side of the sense resistor.
30
MRST
I
Reset input for internal CPU core. Connect to RESET for correct operation of device.
31
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device.
32
REG25
P
2.5-V regulator output. Connect at least a 1-
μF capacitor to REG25 and VSS.
RAM backup input. Connect a capacitor to this pin and VSS to protect loss of RAM data in case of
33
RBI
P
short circuit condition.
34
VSS
P
Negative device power supply input. Connect all VSS pins together for operation of device.
35
RESET
O
Reset output. Connect to MSRT.
36
ASRN
IA
Short circuit and overload detection differential input. Connect to sense resistor.
37
ASRP
IA
Short circuit and overload detection differential input. Connect to sense resistor.
Cell voltage sense input and cell balancing input for the negative voltage of the bottom cell in cell
38
VC5
IA, P
stack.
Cell voltage sense input and cell balancing input for the positive voltage of the bottom cell and the
39
VC4
IA, P
negative voltage of the second lowest cell in cell stack.
(1)
I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = Power
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com