Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBTRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ20Z95DBTRG4
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ20Z95DBTRG4 Datasheet HTML 8Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 9Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 10Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 11Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 12Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 13Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 14Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 15Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
bq20z95
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
www.ti.com
Power Modes
The bq20z95 supports three power modes to reduce power consumption:
•
In NORMAL mode, the bq20z95 performs measurements, calculations, protection decisions and data updates
in 1-s intervals. Between these intervals, the bq20z95 is in a reduced power stage.
•
In SLEEP mode, the bq20z95 performs measurements, calculations, protection decisions, and data updates
in adjustable time intervals. Between these intervals, the bq20z95 is in a reduced power stage. The bq20z95
has a wake function that enables exit from SLEEP mode when current flow or failure is detected.
•
In SHUTDOWN mode the bq20z95 is completely disabled.
CONFIGURATION
Oscillator Function
The bq20z95 fully integrates the system oscillators. Therefore, the bq20z95 requires no external components for
this feature.
System Present Operation
The bq20z95 checks the PRES pin periodically (1s). If PRES input is pulled to ground by external system, the
bq20z95 detects this as system present.
BATTERY PARAMETER MEASUREMENTS
The bq20z95 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and a
second delta-sigma ADC for individual cell and battery voltage and temperature measurement.
Charge and Discharge Counting
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar
signals from –0.25 V to 0.25 V. The bq20z95 detects charge activity when VSR = V(SRP) – V(SRN)is positive and
discharge activity when VSR = V(SRP) – V(SRN) is negative. The bq20z95 continuously integrates the signal over
time, using an internal counter. The fundamental rate of the counter is 0.65 nVh.
Voltage
The bq20z95 updates the individual series cell voltages at 1-s intervals. The internal ADC of the bq20z95
measures the voltage, and scales and calibrates it appropriately. This data is also used to calculate the
impedance of the cell for the Impedance Track gas-gauging.
Current
The bq20z95 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge current
using a 5-m
Ω to 20-mΩ typ. sense resistor.
Auto Calibration
The bq20z95 provides an auto-calibration feature to cancel the voltage offset error across SRN and SRP for
maximum charge measurement accuracy. The bq20z95 performs auto-calibration when the SMBus lines stay
low continuously for a minimum of 5 s.
Temperature
The bq20z95 has an internal temperature sensor and two external temperature sensor inputs TS1 and TS2 used
in conjunction with two identical NTC thermistors (default are Semitec 103AT) to sense the battery environmental
temperature. The bq20z95 can be configured to use internal or up to two external temperature sensors.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com