Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBTRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ20Z95DBTRG4
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTRG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z95DBTRG4 Datasheet HTML 1Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 2Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 3Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 4Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 5Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 6Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 7Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 8Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
bq20z95
www.ti.com
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE
TRACK™
Check for Samples: bq20z95
1
FEATURES
DESCRIPTION
2
•
Next Generation Patented Impedance Track™
The
bq20z95
SBS-compliant
gas
gauge
and
Technology Accurately Measures Available
protection IC is a single IC solution designed for
Charge in Li-Ion and Li-Polymer Batteries
battery-pack or in-system installation. The bq20z95
–
Better Than 1% Error Over Lifetime of the
measures and maintains an accurate record of
Battery
available charge in Li-Ion or Li-Polymer batteries
using
its
integrated
high-performance
analog
•
Supports the Smart Battery Specification
peripherals,
monitors
capacity
change,
battery
SBS V1.1
impedance, open-circuit voltage, and other critical
•
Flexible Configuration for 2-Series to 4-Series
parameters of the battery pack as well and reports
Li-Ion and Li-Polymer Cells
the information to the system host controller over a
•
Powerful 8-Bit RISC CPU With Ultra-Low
serial-communication
bus.
Together
with
the
Power Modes
integrated analog front-end (AFE) short-circuit and
overload
protection,
the
bq20z95
maximizes
•
Full Array of Programmable Protection
functionality and safety while minimizing external
Features
component count, cost, and size in smart battery
–
Voltage, Current, and Temperature
circuits.
•
Supports SHA-1 Authentication
The implemented Impedance Track™ gas gauging
•
Complete Battery Protection and Gas Gauge
technology
continuously
analyzes
the
battery
Solution in One Package
impedance,
resulting
in
superior
gas-gauging
accuracy. This enables remaining capacity to be
•
Small 44-Pin TSSOP (DBT) Package
calculated with discharge rate, temperature, and cell
aging all accounted for during each stage of every
APPLICATIONS
cycle with high accuracy.
•
Notebook PCs
•
Medical and Test Equipment
•
Portable Instrumentation
Table 1. AVAILABLE OPTIONS
PACKAGE(1)
TA
44-PIN TSSOP (DBT) Tube
44-PIN TSSOP (DBT) Tape and Reel
–40°C to 85°C
bq20z95DBT(2)
bq20z95DBTR(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
A single tube quantity is 50 units.
(3)
A single reel quantity is 2000 units.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Impedance Track is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ20Z95DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95DBTR TI-BQ20Z95DBTR Datasheet
530Kb / 20P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results

Similar Description - BQ20Z95DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
SBS v1.1-Compliant Gas Gauge IC
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ3060 TI-BQ3060 Datasheet
218Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ20Z655DBTR-R1 TI-BQ20Z655DBTR-R1 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
BQ20Z80ADBTR TI1-BQ20Z80ADBTR Datasheet
717Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
SBS V1.1-COMPLIANT GAS GAUGE IC
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ34Z651 TI1-BQ34Z651_15 Datasheet
888Kb / 29P
SBS 1.1-Compliant Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com