Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z95DBTRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ20Z95DBTRG4
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ20Z95DBTRG4 Datasheet HTML 2Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 3Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 4Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 5Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 6Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 7Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 8Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 9Page - Texas Instruments BQ20Z95DBTRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
bq20z95
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, V(REG25) = 2.41 V to 2.59 V, V(BAT) =
14 V, C(REG25) = 1 µF, C(REG33) = 2.2 µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tWDWT
Watchdog detect time
50
100
150
µs
2.5V LDO; I(REG33OUT) = 0 mA; TA = 25°C (unless otherwise noted)
4.5 < VCC or BAT < 25 V;
V(REG25)
Regulator output voltage
I(REG25OUT) ≤ 16 mA;
2.41
2.5
2.59
V
TA = –40°C to 100°C
Regulator output change with
I(REG25OUT) = 2 mA;
ΔV(REG25TEMP)
±0.2
%
temperature
TA = –40°C to 100°C
5.4 < VCC or BAT < 25 V;
ΔV(REG25LINE)
Line regulation
3
10
mV
I(REG25OUT) = 2 mA
0.2 mA
≤ I(REG25OUT) ≤ 2 mA
7
25
ΔV(REG25LOAD)
Load Regulation
mV
0.2 mA
≤ I(REG25OUT) ≤ 16 mA
25
50
Drawing current until
I(REG25MAX)
Current Limit
5
40
75
mA
REG25 = 2 V to 0 V
3.3V LDO; I(REG25OUT) = 0 mA; TA = 25°C (unless otherwise noted)
4.5 < VCC or BAT < 25 V;
V(REG33)
Regulator output voltage
I(REG33OUT) ≤ 25 mA;
3
3.3
3.6
V
TA = –40°C to 100°C
Regulator output change with
I(REG33OUT) = 2 mA;
ΔV(REG33TEMP)
±0.2
%
temperature
TA = –40°C to 100°C
5.4 < VCC or BAT < 25 V;
ΔV(REG33LINE)
Line regulation
3
10
mV
I(REG33OUT) = 2 mA
0.2 mA
≤ I(REG33OUT) ≤ 2 mA
7
17
ΔV(REG33LOAD)
Load Regulation
mV
0.2mA
≤ I(REG33OUT) ≤ 25 mA
40
100
Drawing current until REG33 = 3 V
25
100
145
I(REG33MAX)
Current Limit
mA
Short REG33 to VSS, REG33 = 0 V
12
65
THERMISTOR DRIVE
V(TOUT)
Output voltage
I(TOUT) = 0 mA; TA = 25°C
V(REG25)
V
I(TOUT) = 1 mA; RDS(on) = (V(REG25) – V(TOUT))/1 mA; TA =
RDS(on)
TOUT pass element resistance
50
100
Ω
–40°C to 100°C
VCELL+ HIGH VOLTAGE TRANSLATION
VC(n) – VC(n+1) = 0 V;
0.950
0.975
1
TA = –40°C to 100°C
V(VCELL+OUT)
VC(n) – VC(n+1) = 4.5 V;
0.275
0.3
0.375
TA = –40°C to 100°C
internal AFE reference voltage;
V(VCELL+REF)
0.965
0.975
0.985
Translation output
TA = –40°C to 100°C
V
0.98 ×
1.02 ×
Voltage at PACK pin;
V(PACK)/1
V(VCELL+PACK)
V(PACK)/1
V(PACK)/1
TA = –40°C to 100°C
8
8
8
Voltage at BAT pin;
0.98 ×
1.02 ×
V(VCELL+BAT)
V(BAT)/18
TA = –40°C to 100°C
V(BAT)/18
V(BAT)/18
CMMR
Common mode rejection ratio
VCELL+
40
dB
K= {VCELL+ output (VC5=0 V; VC4=4.5 V) – VCELL+
0.147
0.150
0.153
output (VC5=0 V; VC4=0 V)}/4.5
K
Cell scale factor
K= {VCELL+ output (VC2=13.5V; VC1=18 V) – VCELL+
output
0.147
0.150
0.153
(VC5=13.5 V; VC1=13.5 V)}/4.5
VC(n) – VC(n+1) = 0V; VCELL+ = 0 V;
I(VCELL+OUT)
Drive Current to VCELL+ capacitor
12
18
μA
TA = –40°C to 100°C
CELL output (VC2 = VC1 = 18 V) – CELL output (VC2 =
V(VCELL+O)
CELL offset error
–18
–1
18
mV
VC1 = 0 V)
IVCnL
VC(n) pin leakage current
VC1, VC2, VC3, VC4, VC5 = 3 V
–1
0.01
1
μA
CELL BALANCING
Internal cell balancing FET
RDS(on) for internal FET switch at
RBAL
200
400
600
Ω
resistance
VDS = 2 V; TA = 25°C
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com