Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8216 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8216
Description  4-Bit Bidirectional Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8216 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8216 Datasheet HTML 1Page - National Semiconductor (TI) DP8216 Datasheet HTML 2Page - National Semiconductor (TI) DP8216 Datasheet HTML 3Page - National Semiconductor (TI) DP8216 Datasheet HTML 4Page - National Semiconductor (TI) DP8216 Datasheet HTML 5Page - National Semiconductor (TI) DP8216 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (Continued) DP8216M DP8226M VCC e5V g10% (Notes 2 3 and 4)
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
DRIVERS
VIL
Input Low Voltage
DP8216M
095
V
DP8226M
090
V
VIH
Input High Voltage
2
V
IF
Input Load Current
VF e 045V
b
008
b
025
mA
IR
Input Leakage Current
VR e 55V
40
m
A
VC
Input Clamp Voltage
IC eb5mA
b
12
V
VOL1
Output Low Voltage
IOL e 25 mA
03
045
V
VOL2
Output Low Voltage
IOL e 45 mA
05
06
V
VOH
Output High Voltage
IOH eb5 mA
24
30
V
ISC
Output Short Circuit Current
VCC e 50V
b
30
b
75
b
120
mA
lIOl
Output Leakage Current TRI-STATE
VO e 045V55V
100
m
A
RECEIVERS
VIL
Input Low Voltage
DP8216M
095
V
DP8226M
09
V
VIH
Input High Voltage
2
V
IF
Input Load Current
VF e 045V
b
008
b
025
mA
VC
Input Clamp Voltage
IC eb5mA
b
12
V
VOL
Output Low Voltage
IOL e 15 mA
03
045
V
VOH1
Output High Voltage
IOH eb05 mA
34
38
V
VOH2
Output High Voltage
IOH eb2 mA
24
V
ISC
Output Short Circuit Current
VCC e 50V
b
15
b
35
b
65
mA
lIOl
Output Leakage Current TRI-STATE
VO e 045V55V
20
m
A
CONTROL INPUTS (CS DIEN)
VIL
Input Low Voltage
DP8216M
095
V
DP8226M
09
V
VIH
Input High Voltage
2
V
IF
Input Load Current
VF e 045V
b
015
b
05
mA
IR
Input Leakage Current
VR e 55V
80
m
A
ICC
Power Supply Current
DP8216M
95
130
mA
DP8226M
85
120
mA
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com