Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8216 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8216
Description  4-Bit Bidirectional Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8216 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8216 Datasheet HTML 1Page - National Semiconductor (TI) DP8216 Datasheet HTML 2Page - National Semiconductor (TI) DP8216 Datasheet HTML 3Page - National Semiconductor (TI) DP8216 Datasheet HTML 4Page - National Semiconductor (TI) DP8216 Datasheet HTML 5Page - National Semiconductor (TI) DP8216 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF8753
June 1990
DP8216DP8216MDP8226DP8226M
4-Bit Bidirectional Bus Transceivers
General Description
The DP8216DP8216M and DP8226DP8226M are 4-bit bi-
directional bus drivers to use in bus oriented applications
The
non-inverting
DP8216DP8216M
and
inverting
DP8226DP8226M drivers are provided for flexibility in sys-
tem design
Each buffered line of the four-bit drivers consists of two
separate buffers that are TRI-STATE
to achieve direct bus
interface and bidirectional capability On one side of the
driver the output of one buffer and the input of another are
tied together (DB) this side is used to interface to the sys-
tem side components such as memories IO etc because
its interface is TTL compatible and it has high driver (50
mA) On the other side of the driver the inputs and outputs
are separated to provide maximum flexibility Of course
they can be tied together so that the driver can be used to
buffer a true bidirectional bus The DO outputs on this side
of the driver have a special high voltage output drive capa-
bility so that direct interface to the 8080 type CPUs is
achieved with an adequate amount of noise immunity
The CS input is a device enable When it is ‘‘high’’ the out-
put drivers are all forced to their high-impedance state
When it is a ‘‘low’’ the device is enabled and the direction of
the data flow is determined by the DIEN input
The DIEN input controls the direction of data flow which is
accomplished by forcing one of the pair of buffers into its
high-impedance state and allowing the other to transmit its
data A simple two-gate circuit is used for this function
Features
Y
Data bus buffer driver to 8080 type CPUs
Y
Low input load current025 mA maximum
Y
High output drive capability for driving system data
bus50 mA at 05V
Y
Power up-down protection
Y
DP8216DP8216M have non-inverting outputs
Y
DP8226DP8226M have inverting outputs
Y
Output high voltage compatible with direct interface to
MOS
Y
TRI-STATE outputs
Y
Advanced Schottky processing
Y
Available in military and commercial temperature
Logic Diagrams
DP8216DP8216M
TLF8753 – 1
DP8226DP8226M
TLF8753 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8216

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
Texas Instruments
DP8212 TI1-DP8212 Datasheet
439Kb / 12P
DP8212/DP8212M 8-Bit Input/Output Port
logo
National Semiconductor ...
DP8212J NSC-DP8212J Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
Texas Instruments
DP8212J TI1-DP8212J Datasheet
439Kb / 12P
DP8212/DP8212M 8-Bit Input/Output Port
DP8212M TI1-DP8212M Datasheet
439Kb / 12P
DP8212/DP8212M 8-Bit Input/Output Port
More results

Similar Description - DP8216

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16245T IDT-IDT74FCT16245T Datasheet
185Kb / 10P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
Fast CMOS 16-Bit Bidirectional Transceivers
logo
NEC
UPB8286 NEC-UPB8286 Datasheet
180Kb / 4P
8 BIT BUS TRANSCEIVERS
logo
National Semiconductor ...
DS8T28 NSC-DS8T28 Datasheet
188Kb / 4P
4-Bit Bidirectional Bus Transceivers
logo
List of Unclassifed Man...
AM7307 ETC1-AM7307 Datasheet
367Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
AM7303 ETC1-AM7303 Datasheet
442Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
logo
Intel Corporation
M8216 INTEL-M8216 Datasheet
111Kb / 2P
4-BIT PARALLEL BIDIRECTIONAL BUS DRIVER
logo
Mitsubishi Electric Sem...
M5L8216P MITSUBISHI-M5L8216P Datasheet
290Kb / 4P
4-BIT PARALLEL BIDIRECTIONAL BUS DRIVERS
logo
Texas Instruments
SN74ALS642A-1N TI-SN74ALS642A-1N Datasheet
705Kb / 17P
Bidirectional Bus Transceivers in High-Density 20-Pin Packages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com