Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8216 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8216
Description  4-Bit Bidirectional Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8216 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP8216 Datasheet HTML 1Page - National Semiconductor (TI) DP8216 Datasheet HTML 2Page - National Semiconductor (TI) DP8216 Datasheet HTML 3Page - National Semiconductor (TI) DP8216 Datasheet HTML 4Page - National Semiconductor (TI) DP8216 Datasheet HTML 5Page - National Semiconductor (TI) DP8216 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Test Conditions
Input rise and fall times of 50 ns between 10V and 20V
Output loading is 50 mA and 10 pF
Speed measurements are made at 15V levels
Test Load Circuit
TLF8753 – 4
Switching Time Waveforms
TLF8753 – 5
Connection Diagram
Dual-In-Line Package
TLF8753 – 3
Order Number DP8216J DP8216N DP8226J DP8226N
DP8216MJ or DP8226MJ
See NS Package Number J16A or N16A
Capacitance TA e 25 C
Symbol
Parameter
Limit
Unit
Min
Typ
Min
CIN
Input Capacitance
4
6
pF
COUT
Output Capacitance
DO Outputs
6
10
pF
DO Outputs
13
18
pF
Note
This parameter is periodically sampled and is not 100% tested Condi-
tion of measurement is f e 1 MHz VBIAS e 25V VCC e 50V and TA e
25 C
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com