Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8216 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8216
Description  4-Bit Bidirectional Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8216 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8216 Datasheet HTML 1Page - National Semiconductor (TI) DP8216 Datasheet HTML 2Page - National Semiconductor (TI) DP8216 Datasheet HTML 3Page - National Semiconductor (TI) DP8216 Datasheet HTML 4Page - National Semiconductor (TI) DP8216 Datasheet HTML 5Page - National Semiconductor (TI) DP8216 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Min
Max
Units
All Output and Supply Voltages
b
05
a
70
V
All Input Voltages
b
10
a
55
V
Output Currents
125
mA
Maximum Power Dissipation at 25 C
Cavity Package
1509
mW
Molded Package
1476
mW
Note
Derate cavity package 101 mW C above 25 C derate molded
package 118 mW C above 25 C
Min
Max Units
Storage Temperature
b
65 a150
C
Lead Temperature (soldering 4 seconds)
260
C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
DP8216M DP8226M
45
55
V
DP8216 DP8226
475
525
V
Temperature TA
DP8216M DP8226M
b
55
a
125
C
DP8216 DP8226
0
a
70
C
Electrical Characteristics DP8216 DP8226 VCC e 5V g5% (Notes 2 3 and 4)
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
DRIVERS
VIL
Input Low Voltage
095
V
VIH
Input High Voltage
2
V
IF
Input Load Current
VF e 045V
b
003
b
025
mA
IR
Input Leakage Current
VR e 525V
10
m
A
VC
Input Clamp Voltage
IC eb5mA
b
12
V
VOL1
Output Low Voltage
IOL e 25 mA
03
045
V
VOL2
Output Low Voltage
DP8216 IOL e 55 mA
05
06
V
DP8226 IOL e 50 mA
VOH
Output High Voltage
IOH eb10 mA
24
30
V
ISC
Output Short Circuit Current
VCC e 5V
b
30
b
75
b
120
mA
lIOl
Output Leakage Current TRI-STATE
VO e 045V55V
100
m
A
RECEIVERS
VIL
Input Low Voltage
095
V
VIH
Input High Voltage
2
V
IF
Input Load Current
VF e 045V
b
008
b
025
mA
VC
Input Clamp Voltage
IC eb5mA
b
12
V
VOL
Output Low Voltage
IOL e 15 mA
03
045
V
VOH1
Output High Voltage
IOH eb1 mA
365
40
V
ISC
Output Short Circuit Current
VCC e 5V
b
15
b
35
b
65
mA
lIOl
Output Leakage Current TRI-STATE
VO e 045V55V
20
m
A
CONTROL INPUTS (CS DIEN)
VIL
Input Low Voltage
095
V
VIH
Input High Voltage
2
V
IF
Input Load Current
VF e 045V
b
015
b
05
mA
IR
Input Leakage Current
VR e 525V
20
m
A
ICC
Power Supply Current
DP8216
95
130
mA
DP8226
85
120
mA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com