Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1050-RTR1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CC1050-RTR1
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1050-RTR1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC1050-RTR1 Datasheet HTML 15Page - Texas Instruments CC1050-RTR1 Datasheet HTML 16Page - Texas Instruments CC1050-RTR1 Datasheet HTML 17Page - Texas Instruments CC1050-RTR1 Datasheet HTML 18Page - Texas Instruments CC1050-RTR1 Datasheet HTML 19Page - Texas Instruments CC1050-RTR1 Datasheet HTML 20Page - Texas Instruments CC1050-RTR1 Datasheet HTML 21Page - Texas Instruments CC1050-RTR1 Datasheet HTML 22Page - Texas Instruments CC1050-RTR1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
CC1050
SWRS044
Page 19 of 40
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Start single calibration
Frequency register A is calibrated first
Write MAIN:
F_REG = 0; TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write FREQ_A, FREQ_B
If DR>=38kBd then {write TEST4: L2KIO=3Fh,
PRESCALER = 04h}
Write CAL: CAL_DUAL = 0
Frequency register A and B are used for
two different channels
Write CAL:
CAL_START=1
The result of the calibration is stored for
frequency FREQ_A and can be read from
the status registers TEST0 and TEST2
when F_REG = 0
Write CURRENT:
VCO_CURRENT = Current
Write PA_POW = 00h
‘Current’ is the VCO current to be used
for both frequencies
PA is turned off to prevent spurious emission
Write CAL:
CAL_START=0
Wait for 26 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Frequency register B is calibrated second
Write MAIN: F_REG = 1
Write CAL:
CAL_START=1
Calibration time depend on the reference
frequency, see text.
The result of the calibration is stored for
frequency FREQ_B and can be read from
the status registers TEST0 and TEST2
when F_REG = 1
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Start single calibration
Frequency register A is calibrated first
Write MAIN:
F_REG = 0; TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write FREQ_A, FREQ_B
If DR>=38kBd then {write TEST4: L2KIO=3Fh,
PRESCALER = 04h}
Write CAL: CAL_DUAL = 0
Frequency register A and B are used for
two different channels
Write CAL:
CAL_START=1
The result of the calibration is stored for
frequency FREQ_A and can be read from
the status registers TEST0 and TEST2
when F_REG = 0
Write CURRENT:
VCO_CURRENT = Current
Write PA_POW = 00h
‘Current’ is the VCO current to be used
for both frequencies
PA is turned off to prevent spurious emission
Write CAL:
CAL_START=0
Wait for 26 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Frequency register B is calibrated second
Write MAIN: F_REG = 1
Write CAL:
CAL_START=1
Calibration time depend on the reference
frequency, see text.
The result of the calibration is stored for
frequency FREQ_B and can be read from
the status registers TEST0 and TEST2
when F_REG = 1
Figure 11. Single calibration algorithm for two different frequencies
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com