Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1050-RTR1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CC1050-RTR1
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1050-RTR1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC1050-RTR1 Datasheet HTML 19Page - Texas Instruments CC1050-RTR1 Datasheet HTML 20Page - Texas Instruments CC1050-RTR1 Datasheet HTML 21Page - Texas Instruments CC1050-RTR1 Datasheet HTML 22Page - Texas Instruments CC1050-RTR1 Datasheet HTML 23Page - Texas Instruments CC1050-RTR1 Datasheet HTML 24Page - Texas Instruments CC1050-RTR1 Datasheet HTML 25Page - Texas Instruments CC1050-RTR1 Datasheet HTML 26Page - Texas Instruments CC1050-RTR1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
CC1050
SWRS044
Page 23 of 40
Turn on crystal oscillator core
MAIN: CORE_PD = 0
Wait 2 ms*
Turn on bias generator
BIAS_PD = 0
Wait 200
µs
Power Down
*Time to wait depends on the crystal frequency
and the load capacitance
Turn on TX:
PA_POW = 00h
MAIN: F_REG = 1
FS_PD = 0
Wait 250
µs
TX mode
Turn off TX:
PA_POW = 00h
MAIN: TX_PD = 1, FS_PD = 1,
CORE_PD=1, BIAS_PD=1
Power Down
TX_PD = 0
PA_POW = ‘Output power’
Wait 20
µs
Waiting for the PLL to lock
Waiting for the PA to ramp up
Turn on crystal oscillator core
MAIN: CORE_PD = 0
Wait 2 ms*
Turn on bias generator
BIAS_PD = 0
Wait 200
µs
Power Down
*Time to wait depends on the crystal frequency
and the load capacitance
Turn on TX:
PA_POW = 00h
MAIN: F_REG = 1
FS_PD = 0
Wait 250
µs
TX mode
Turn off TX:
PA_POW = 00h
MAIN: TX_PD = 1, FS_PD = 1,
CORE_PD=1, BIAS_PD=1
Power Down
TX_PD = 0
PA_POW = ‘Output power’
Wait 20
µs
Waiting for the PLL to lock
Waiting for the PA to ramp up
Figure 14. Sequence for activating TX mode
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com