Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1050-RTR1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC1050-RTR1
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1050-RTR1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1050-RTR1 Datasheet HTML 3Page - Texas Instruments CC1050-RTR1 Datasheet HTML 4Page - Texas Instruments CC1050-RTR1 Datasheet HTML 5Page - Texas Instruments CC1050-RTR1 Datasheet HTML 6Page - Texas Instruments CC1050-RTR1 Datasheet HTML 7Page - Texas Instruments CC1050-RTR1 Datasheet HTML 8Page - Texas Instruments CC1050-RTR1 Datasheet HTML 9Page - Texas Instruments CC1050-RTR1 Datasheet HTML 10Page - Texas Instruments CC1050-RTR1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
CC1050
SWRS044
Page 7 of 40
Pin Assignment
Pin no.
Pin name
Pin type
Description
1
AVDD
Power (A)
Power supply (3 V) for analog modules (PA)
2
AGND
Ground (A)
Ground connection (0 V) for analog modules (PA)
3
AGND
Ground (A)
Ground connection (0 V) for analog modules (PA)
4
AGND
Ground (A)
Ground connection (0 V) for analog modules (VCO and prescaler)
5
L1
Analog input
Connection no 1 for external VCO tank inductor
6
L2
Analog input
Connection no 2 for external VCO tank inductor
7
AVDD
Power (A)
Power supply (3 V) for analog modules (VCO and prescaler)
8
CHP_OUT
Analog output
Charge pump current output when external loop filter is used
The pin can also be used as PLL Lock indicator. Output is high
when PLL is in lock.
9
R_BIAS
Analog output
Connection for external precision bias resistor (82 k
Ω, ± 1%)
10
AGND
Ground (A)
Ground connection (0 V) for analog modules (backplane)
11
AVDD
Power (A)
Power supply (3 V) for analog modules (general)
12
AGND
Ground (A)
Ground connection (0 V) for analog modules (general)
13
XOSC_Q2
Analog output
Crystal, pin 2
14
XOSC_Q1
Analog input
Crystal, pin 1, or external clock input
15
AGND
Ground (A)
Ground connection (0 V) for analog modules (guard)
16
DGND
Ground (D)
Ground connection (0 V) for digital modules (substrate)
17
DVDD
Power (D)
Power supply (3 V) for digital modules
18
DGND
Ground (D)
Ground connection (0 V) for digital modules
19
DI
Digital input
Data input in transmit mode
20
DCLK
Digital output
Clock for data in transmit mode
21
PCLK
Digital input
Programming clock for 3-wire bus
22
PDATA
Digital
input/output
Programming data for 3-wire bus. Programming data input for
write operation, programming data output for read operation
23
PALE
Digital input
Programming address latch enable for 3-wire bus
24
RF_OUT
RF output
RF signal output to antenna
A=Analog, D=Digital
(Top View)
AGND
AGND
AGND
L1
L2
AVDD
AGND
1
2
3
5
4
6
7
8
10
11
12
9
PALE
PDATA
PCLK
DCLK
DI
DGND
DVDD
DGND
AGND
XOSC_Q1
AGND
XOSC_Q2
24
23
22
20
21
19
18
17
15
14
13
16
RF_OUT
AVDD
CHP_OUT
R_BIAS
AVDD
AGND
AGND
AGND
L1
L2
AVDD
AGND
1
2
3
5
4
6
7
8
10
11
12
9
PALE
PDATA
PCLK
DCLK
DI
DGND
DVDD
DGND
AGND
XOSC_Q1
AGND
XOSC_Q2
24
23
22
20
21
19
18
17
15
14
13
16
RF_OUT
AVDD
CHP_OUT
R_BIAS
AVDD
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com