Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1050-RTR1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC1050-RTR1
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1050-RTR1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1050-RTR1 Datasheet HTML 4Page - Texas Instruments CC1050-RTR1 Datasheet HTML 5Page - Texas Instruments CC1050-RTR1 Datasheet HTML 6Page - Texas Instruments CC1050-RTR1 Datasheet HTML 7Page - Texas Instruments CC1050-RTR1 Datasheet HTML 8Page - Texas Instruments CC1050-RTR1 Datasheet HTML 9Page - Texas Instruments CC1050-RTR1 Datasheet HTML 10Page - Texas Instruments CC1050-RTR1 Datasheet HTML 11Page - Texas Instruments CC1050-RTR1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
CC1050
SWRS044
Page 8 of 40
Circuit Description
Figure 1. Simplified block diagram
A simplified block diagram of
CC1050 is
shown in Figure 1. Only signal pins are
shown.
The voltage controlled oscillator (VCO)
output signal is fed directly to the power
amplifier (PA). The RF output is frequency
shift keyed (FSK) by the digital bit stream
fed to the pin DI. The single ended PA
makes the antenna interface and matching
very easy.
The frequency synthesiser generates the
local oscillator signal which is fed to the
PA in transmit mode. The frequency
synthesiser consists of a crystal oscillator
(OSC), phase detector (PD), charge pump
(CHARGE PUMP), VCO, and frequency
dividers (/R and /N). An external crystal
must be connected to XOSC, and only an
external inductor is required for the VCO.
The
3-wire
digital
serial
interface
(CONTROL) is used for configuration.
PDATA, PCLK, PALE
PA
VCO
PD
OSC
~
/N
CHARGE
PUMP
L1
DI
CHP_OUT
RF_OUT
3
CONTROL
XOSC_Q2
XOSC_Q1
/R
DCLK
L2
LPF
BIAS
R_BIAS
PDATA, PCLK, PALE
PA
VCO
PD
OSC
~
/N
CHARGE
PUMP
L1
DI
CHP_OUT
RF_OUT
3
CONTROL
XOSC_Q2
XOSC_Q1
/R
DCLK
L2
LPF
BIAS
R_BIAS
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com