Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1705DPTP3 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP3
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 18Page - Texas Instruments AM1705DPTP3 Datasheet HTML 19Page - Texas Instruments AM1705DPTP3 Datasheet HTML 20Page - Texas Instruments AM1705DPTP3 Datasheet HTML 21Page - Texas Instruments AM1705DPTP3 Datasheet HTML 22Page - Texas Instruments AM1705DPTP3 Datasheet HTML 23Page - Texas Instruments AM1705DPTP3 Datasheet HTML 24Page - Texas Instruments AM1705DPTP3 Datasheet HTML 25Page - Texas Instruments AM1705DPTP3 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 165 page
background image
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
3.6.10 Universal Asynchronous Receiver/Transmitters (UART0, UART1, UART2)
Table 3-12. Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
UART0
I2C0, BOOT,
UART0 receive
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
I
IPU
Timer0, GPIO,
data
I2C0, Timer0,
UART0 transmit
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
O
IPU
GPIO, BOOT
data
UART0 ready-to-
SPI0_SCS[0]/ UART0_RTS /EQEP0B/GP5[4]/BOOT[4]
9
O
IPU
send output
SPIO, eQEP0,
GPIO, BOOT
UART0 clear-to-
SPI0_ENA/ UART0_CTS /EQEP0A/GP5[3]/BOOT[3]
12
I
IPU
send input
UART1
UART1 receive
UART1_RXD/AXR0[9]/GP3[9](3)
122
I
IPD
data
McASP0, GPIO
UART1 transmit
UART1_TXD/AXR0[10]/GP3[10] (3)
123
O
IPD
data
UART2
UART2 receive
SPI1_ENA/UART2_RXD/GP5[12]
7
I
IPU
data
SPI1, GPIO
UART2 transmit
SPI1_SCS[0]/UART2_TXD/GP5[13]
8
O
IPU
data
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (i.e., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
(3)
As these signals are internally pulled down while the device is in reset, it is necessary to externally pull them high with resistors if
UART1 boot mode is used.
3.6.11 Inter-Integrated Circuit Modules(I2C0, I2C1)
Table 3-13. Inter-Integrated Circuit (I2C) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
I2C0
UART0, Timer0,
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
I/O
IPU
I2C0 serial data
GPIO, BOOT
UART0, Timer0,
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
I/O
IPU
I2C0 serial clock
GPIO, BOOT
I2C1
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
14
I/O
IPU
I2C1 serial data
SPI1, GPIO,
BOOT
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
13
I/O
IPU
I2C1 serial clock
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (i.e., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
22
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com