Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1705DPTP3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP3
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 7Page - Texas Instruments AM1705DPTP3 Datasheet HTML 8Page - Texas Instruments AM1705DPTP3 Datasheet HTML 9Page - Texas Instruments AM1705DPTP3 Datasheet HTML 10Page - Texas Instruments AM1705DPTP3 Datasheet HTML 11Page - Texas Instruments AM1705DPTP3 Datasheet HTML 12Page - Texas Instruments AM1705DPTP3 Datasheet HTML 13Page - Texas Instruments AM1705DPTP3 Datasheet HTML 14Page - Texas Instruments AM1705DPTP3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
3.4
Memory Map Summary
Table 3-2. AM1705 Top Level Memory Map
Start Address
End Address
Size
ARM Mem Map
EDMA Mem
PRUSS Mem
Master Peripheral
Map
Map
Mem Map
0x0000 0000
0x0000 0FFF
4K
-
PRUSS Local
Address
Space
0x0000 1000
0x01BB FFFF
-
0x01BC 0000
0x01BC 0FFF
4K
ARM ETB memory
-
0x01BC 1000
0x01BC 17FF
2K
ARM ETB reg
-
0x01BC 1800
0x01BC 18FF
256
ARM Ice Crusher
-
0x01BC 1900
0x01BF FFFF
-
0x01C0 0000
0x01C0 7FFF
32K
EDMA3 Channel Controller
0x01C0 8000
0x01C0 83FF
1024
EDMA3 Transfer Controller 0
0x01C0 8400
0x01C0 87FF
1024
EDMA3 Transfer Controller 1
0x01C0 8800
0x01C0 FFFF
-
0x01C1 0000
0x01C1 0FFF
4K
PSC 0
0x01C1 1000
0x01C1 1FFF
4K
PLL Controller
0x01C1 2000
0x01C1 3FFF
-
0x01C1 4000
0x01C1 4FFF
4K
SYSCFG
0x01C1 5000
0x01C1 FFFF
-
0x01C2 0000
0x01C2 0FFF
4K
Timer64P 0
0x01C2 1000
0x01C2 1FFF
4K
Timer64P 1
0x01C2 2000
0x01C2 2FFF
4K
I2C 0
0x01C2 3000
0x01C2 3FFF
0x01C2 4000
0x01C3 FFFF
0x01C4 0000
0x01C4 0FFF
4K
MMC/SD 0
0x01C4 1000
0x01C4 1FFF
4K
SPI 0
0x01C4 2000
0x01C4 2FFF
4K
UART 0
0x01C4 3000
0x01CF FFFF
-
0x01D0 0000
0x01D0 0FFF
4K
McASP 0 Control
0x01D0 1000
0x01D0 1FFF
4K
McASP 0 AFIFO Control
0x01D0 2000
0x01D0 2FFF
4K
McASP 0 Data
0x01D0 3000
0x01D0 3FFF
-
0x01D0 4000
0x01D0 4FFF
4K
McASP 1 Control
0x01D0 5000
0x01D0 5FFF
4K
McASP 1 AFIFO Control
0x01D0 6000
0x01D0 6FFF
4K
McASP 1 Data
0x01D0 7000
0x01D0 BFFF
-
0x01D0 C000
0x01D0 CFFF
4K
UART 1
0x01D0 D000
0x01D0 DFFF
4K
UART 2
0x01D0 E000
0x01DF FFFF
0x01E0 0000
0x01E0 FFFF
64K
USB0
0x01E1 0000
0x01E1 1FFF
-
0x01E1 2000
0x01E1 2FFF
4K
SPI 1
0x01E1 3000
0x01E1 3FFF
-
0x01E1 4000
0x01E1 4FFF
4K
Memory Protection Unit 1 (MPU 1)
0x01E1 5000
0x01E1 5FFF
4K
Memory Protection Unit 2 (MPU 2)
0x01E1 6000
0x01E1 FFFF
-
0x01E2 0000
0x01E2 1FFF
8K
EMAC Control Module RAM
0x01E2 2000
0x01E2 2FFF
4K
EMAC Control Module Registers
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com