Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1705DPTP3 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP3
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 67Page - Texas Instruments AM1705DPTP3 Datasheet HTML 68Page - Texas Instruments AM1705DPTP3 Datasheet HTML 69Page - Texas Instruments AM1705DPTP3 Datasheet HTML 70Page - Texas Instruments AM1705DPTP3 Datasheet HTML 71Page - Texas Instruments AM1705DPTP3 Datasheet HTML 72Page - Texas Instruments AM1705DPTP3 Datasheet HTML 73Page - Texas Instruments AM1705DPTP3 Datasheet HTML 74Page - Texas Instruments AM1705DPTP3 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
6.11.4 EMIFB Electrical Data/Timing
Table 6-23. EMIFB SDRAM Interface Timing Requirements
CVDD = 1.3 V(1)
CVDD = 1.2V(2)
UNI
NO.
T
MIN
MAX
MIN
MAX
Input setup time, read data valid on EMB_D[31:0] before
19
t(DV-CLKH)
0.59
0.8
ns
EMB_CLK rising
Input hold time, read data valid on EMB_D[31:0] after
20
th(CLKH-DIV)
1.25
1.5
ns
EMB_CLK rising
(1)
Commercial (default), Industrial and Extended temperature range rated devices for 456 MHz max CPU operating frequency as
applicable to the device
(2)
Commercial (default), Industrial, Extended and Automotive temperature range rated devices for 400/375/300/266/200 MHz max CPU
operating frequencies as applicable to the device
Table 6-24. EMIFB SDRAM Interface Switching Characteristics for Commercial (Default) Temperature
Range
CVDD = 1.3 V(1)
CVDD = 1.2V(2)
UNI
NO.
PARAMETER
T
MIN
MAX
MIN
MAX
1
tc(CLK)
Cycle time, EMIF clock EMB_CLK
6.579
7.5
ns
2
tw(CLK)
Pulse width, EMIF clock EMB_CLK high or low
2.63
3
ns
3
td(CLKH-CSV)
Delay time, EMB_CLK rising to EMB_CS[0] valid
4.25
5.1
ns
4
toh(CLKH-CSIV)
Output hold time, EMB_CLK rising to EMB_CS[0] invalid
1.1
1.1
ns
5
td(CLKH-DQMV)
Delay time, EMB_CLK rising to EMB_WE_DQM[3:0] valid
4.25
5.1
ns
Output hold time, EMB_CLK rising to EMB_WE_DQM[3:0]
6
toh(CLKH-DQMIV)
1.1
1.1
ns
invalid
Delay time, EMB_CLK rising to EMB_A[12:0] and
7
td(CLKH-AV)
4.25
5.1
ns
EMB_BA[1:0] valid
Output hold time, EMB_CLK rising to EMB_A[12:0] and
8
toh(CLKH-AIV)
1.1
1.1
ns
EMB_BA[1:0] invalid
9
td(CLKH-DV)
Delay time, EMB_CLK rising to EMB_D[31:0] valid
4.25
5.1
ns
10
toh(CLKH-DIV)
Output hold time, EMB_CLK rising to EMB_D[31:0] invalid
1.1
1.1
ns
11
td(CLKH-RASV)
Delay time, EMB_CLK rising to EMB_RAS valid
4.25
5.1
ns
12
toh(CLKH-RASIV)
Output hold time, EMB_CLK rising to EMB_RAS invalid
1.1
1.1
ns
13
td(CLKH-CASV)
Delay time, EMB_CLK rising to EMB_CAS valid
4.25
5.1
ns
14
toh(CLKH-CASIV)
Output hold time, EMB_CLK rising to EMB_CAS invalid
1.1
1.1
ns
15
td(CLKH-WEV)
Delay time, EMB_CLK rising to EMB_WE valid
4.25
5.1
ns
16
toh(CLKH-WEIV)
Output hold time, EMB_CLK rising to EMB_WE invalid
1.1
1.1
ns
17
tdis(CLKH-DHZ)
Delay time, EMB_CLK rising to EMB_D[31:0] tri-stated
4.25
5.1
ns
18
t(CLKH-DLZ)
Output hold time, EMB_CLK rising to EMB_D[31:0] driving
1.1
1.1
ns
(1)
Commercial (default) temperature range rated devices for 456 MHz max CPU operating frequency as applicable to the device
(2)
Commercial (default) temperature range rated devices for 400/375/300/266/200 MHz max CPU operating frequencies as applicable to
the device
Table 6-25. EMIFB SDRAM Interface Switching Characteristics for Industrial, Extended, and Automotive
Temperature Ranges
CVDD = 1.3 V(1)
CVDD = 1.2V(2)
UNI
NO.
PARAMETER
T
MIN
MAX
MIN
MAX
1
tc(CLK)
Cycle time, EMIF clock EMB_CLK
6.579
7.5
ns
2
tw(CLK)
Pulse width, EMIF clock EMB_CLK high or low
2.63
3
ns
3
td(CLKH-CSV)
Delay time, EMB_CLK rising to EMB_CS[0] valid
4.25
5.1
ns
4
toh(CLKH-CSIV)
Output hold time, EMB_CLK rising to EMB_CS[0] invalid
1.1
0.9
ns
(1)
Industrial temperature range rated devices for 456 MHz max CPU operating frequency as applicable to the device
(2)
Industrial, Extended and Automotive temperature range rated devices for 400/375/300/266/200 MHz max CPU operating frequencies as
applicable to the device
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
71
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com