Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1705DPTP3 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705DPTP3
Description  AM1705 ARM짰 Microprocessor
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTP3 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AM1705DPTP3 Datasheet HTML 27Page - Texas Instruments AM1705DPTP3 Datasheet HTML 28Page - Texas Instruments AM1705DPTP3 Datasheet HTML 29Page - Texas Instruments AM1705DPTP3 Datasheet HTML 30Page - Texas Instruments AM1705DPTP3 Datasheet HTML 31Page - Texas Instruments AM1705DPTP3 Datasheet HTML 32Page - Texas Instruments AM1705DPTP3 Datasheet HTML 33Page - Texas Instruments AM1705DPTP3 Datasheet HTML 34Page - Texas Instruments AM1705DPTP3 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 165 page
background image
AM1705
www.ti.com
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
4.2
SYSCFG Module
The following system level features of the chip are controlled by the SYSCFG peripheral:
•
Readable Device, Die, and Chip Revision ID
•
Control of Pin Multiplexing
•
Priority of bus accesses different bus masters in the system
•
Capture at power on reset the chip BOOT[15:0] pin values and make them available to software
•
Special case settings for peripherals:
–
Locking of PLL controller settings
–
Default burst sizes for EDMA3 TC0 and TC1
–
Selection of the source for the eCAP module input capture (including on chip sources)
–
McASP AMUTEIN selection and clearing of AMUTE status for the three McASP peripherals
–
Control of the reference clock source and other side-band signals for both of the integrated USB
PHYs
–
Clock source selection for EMIFA and EMIFB
•
Selects the source of emulation suspend signal of peripherals supporting this function.
Many registers are accessible only by a host (ARM) when it is operating in its privileged mode. (ex. from
the kernel, but not from user space code).
Table 4-1. System Configuration (SYSCFG) Module Register Access
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
ACCESS
0x01C1 4000
REVID
Revision Identification Register
—
0x01C14008
DIEIDR0
Device Identification Register 0
—
0x01C1 400C
DIEIDR1
Device Identification Register 1
—
0x01C1 4010
DIEIDR2
Device Identification Register 2
—
0x01C1 4014
DIEIDR3
Device Identification Register 3
—
0x01C1 4018
DEVIDR0
JTAG Identification Register
—
0x01C1 4020
BOOTCFG
Boot Configuration Register
Privileged mode
0x01C1 4024
CHIPREVID
Silicon Revision Identification Register
Privileged mode
0x01C1 4038
KICK0R
Kick 0 Register
Privileged mode
0x01C1 403C
KICK1R
Kick 1 Register
Privileged mode
0x01C1 4040
HOST0CFG
Host 0 Configuration Register
—
0x01C1 4044
HOST1CFG
Host 1 Configuration Register
—
0x01C1 40E0
IRAWSTAT
Interrupt Raw Status/Set Register
Privileged mode
0x01C1 40E4
IENSTAT
Interrupt Enable Status/Clear Register
Privileged mode
0x01C1 40E8
IENSET
Interrupt Enable Register
Privileged mode
0x01C1 40EC
IENCLR
Interrupt Enable Clear Register
Privileged mode
0x01C1 40F0
EOI
End of Interrupt Register
Privileged mode
0x01C1 40F4
FLTADDRR
Fault Address Register
Privileged mode
0x01C1 40F8
FLTSTAT
Fault Status Register
—
0x01C1 4110
MSTPRI0
Master Priority 0 Register
Privileged mode
0x01C1 4114
MSTPRI1
Master Priority 1 Register
Privileged mode
0x01C1 4118
MSTPRI2
Master Priority 2 Register
Privileged mode
0x01C1 4120
PINMUX0
Pin Multiplexing Control 0 Register
Privileged mode
0x01C1 4124
PINMUX1
Pin Multiplexing Control 1 Register
Privileged mode
0x01C1 4128
PINMUX2
Pin Multiplexing Control 2 Register
Privileged mode
0x01C1 412C
PINMUX3
Pin Multiplexing Control 3 Register
Privileged mode
0x01C1 4130
PINMUX4
Pin Multiplexing Control 4 Register
Privileged mode
0x01C1 4134
PINMUX5
Pin Multiplexing Control 5 Register
Privileged mode
Copyright © 2010–2014, Texas Instruments Incorporated
Device Configuration
31
Submit Documentation Feedback
Product Folder Links: AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com