Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256VF Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256VF Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DP83256VF Datasheet HTML 25Page - National Semiconductor (TI) DP83256VF Datasheet HTML 26Page - National Semiconductor (TI) DP83256VF Datasheet HTML 27Page - National Semiconductor (TI) DP83256VF Datasheet HTML 28Page - National Semiconductor (TI) DP83256VF Datasheet HTML 29Page - National Semiconductor (TI) DP83256VF Datasheet HTML 30Page - National Semiconductor (TI) DP83256VF Datasheet HTML 31Page - National Semiconductor (TI) DP83256VF Datasheet HTML 32Page - National Semiconductor (TI) DP83256VF Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
30 Functional Description (Continued)
38 PMD INTERFACE
The PMD Interface connects the PLAYERa device to a
standard FDDI Physical Media Connection such as a fiber
optic transceiver or a copper twisted pair transceiver It is a
125 MHz full duplex serial connection
The DP83256 PLAYERa device contains one PMD inter-
face This PMD Interface should be used for all PMD imple-
mentations that do not require an external scrambler
descrambler function clock recovery function or clock
generation function such as a Fiber Optic or Shielded
Twisted Pair (SDDI) PMDs
The DP83256-AP and DP83257 PLAYERa devices contain
two PMD interfaces The PMD Interface should be used for
all PMD implementations that do not require an external
scramblerdescrambler function clock recovery function
or clock generation function such as a Fiber Optic or
Shielded Twisted Pair (SDDI) PMDs The second Alternate
PMD Interface can be used to support Unshielded Twisted
Pair (UTP) PMDs that require external scrambling and al-
lows implementation with no external clock recovery or
clock generation functions required See
Figure 3-21
PLAYERa TO PMD CONNECTIONS
The following figures illustrate how the PLAYERa device
can be connected to various types of PMDs
Figure 3-20 shows how the DP83256 DP83256-AP or
DP83257 PLAYERa device is connected to a Fiber Optic
or Shielded Twisted Pair (SDDI) PMD using the Primary
PMD Interface
Figure 3-21 shows how the DP83256-AP or DP83257
PLAYERa device is connected to an Unshielded Twisted
Pair (UTP) PMD using the Alternate PMD Interface
TLF11708 – 47
FIGURE 3-20 Fiber Optic or STP PMD Connection
TLF11708 – 48
FIGURE 3-21 UTP PMD Connections
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com