Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256VF Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256VF Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button DP83256VF Datasheet HTML 62Page - National Semiconductor (TI) DP83256VF Datasheet HTML 63Page - National Semiconductor (TI) DP83256VF Datasheet HTML 64Page - National Semiconductor (TI) DP83256VF Datasheet HTML 65Page - National Semiconductor (TI) DP83256VF Datasheet HTML 66Page - National Semiconductor (TI) DP83256VF Datasheet HTML 67Page - National Semiconductor (TI) DP83256VF Datasheet HTML 68Page - National Semiconductor (TI) DP83256VF Datasheet HTML 69Page - National Semiconductor (TI) DP83256VF Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 144 page
background image
50 Registers (Continued)
522 LINK ERROR THRESHOLD REGISTER (LETR)
The Link Error Threshold Register contains the start value for the Link Error Monitor Counter It is an 8-bit down-counter which
decrements if link errors are detected
When the Counter reaches 0 the Link Error Monitor Threshold Register value is loaded into the Link Error Monitor Counter and
the Link Error Monitor Threshold bit (LEMT) of the Interrupt Condition Register (ICR) is set to one
The Link Error Monitor Threshold Register value is also loaded into the Link Error Monitor Counter during every Control Bus
Interface write cycle of LETR
The counter is initialized to 0 during the reset process (ie ERSTeGND)
ACCESS RULES
ADDRESS
READ
WRITE
15h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
LET7
LET6
LET5
LET4
LET3
LET2
LET1
LET0
Bit
Symbol
Description
D0 – D7
LET0 – LET7
LINK ERROR THRESHOLD BIT k0–7l
Start value for the Link Error Monitor Counter
LET0 is the Least Significant Bit (LSB)
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com