Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256VF Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256VF Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP83256VF Datasheet HTML 61Page - National Semiconductor (TI) DP83256VF Datasheet HTML 62Page - National Semiconductor (TI) DP83256VF Datasheet HTML 63Page - National Semiconductor (TI) DP83256VF Datasheet HTML 64Page - National Semiconductor (TI) DP83256VF Datasheet HTML 65Page - National Semiconductor (TI) DP83256VF Datasheet HTML 66Page - National Semiconductor (TI) DP83256VF Datasheet HTML 67Page - National Semiconductor (TI) DP83256VF Datasheet HTML 68Page - National Semiconductor (TI) DP83256VF Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 144 page
background image
50 Registers (Continued)
521 CURRENT STATE PRESCALE COUNT REGISTER (CSPCR)
The Current State Prescale Count Register takes a snap-shot of the State Prescale Counter during every Control Bus Interface
read cycle of this register
During a Control Bus Interface write cycle the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register
(ICR) will be set to 1 and will ignore a write cycle
ACCESS RULES
ADDRESS
READ
WRITE
14h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
CSPC7
CSPC6
CSPC5
CSPC4
CSPC3
CSPC2
CSPC1
CSPC0
Bit
Symbol
Description
D0 – D7
CSPC0 – 7
CURRENT STATE PRESCALE COUNT k0–7l
Snapshot of the State Prescale Counter
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com