Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256VF Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256VF Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button DP83256VF Datasheet HTML 46Page - National Semiconductor (TI) DP83256VF Datasheet HTML 47Page - National Semiconductor (TI) DP83256VF Datasheet HTML 48Page - National Semiconductor (TI) DP83256VF Datasheet HTML 49Page - National Semiconductor (TI) DP83256VF Datasheet HTML 50Page - National Semiconductor (TI) DP83256VF Datasheet HTML 51Page - National Semiconductor (TI) DP83256VF Datasheet HTML 52Page - National Semiconductor (TI) DP83256VF Datasheet HTML 53Page - National Semiconductor (TI) DP83256VF Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 144 page
background image
50 Registers (Continued)
56 INJECTION THRESHOLD REGISTER (IJTR)
The Injection Threshold Register in conjunction with the Injection Control bits (ICk10l) in the Current Transmit State Register
(CTSR) set the frequency at which the contents of the Injection Symbol Register A (ISRA) and Injection Symbol Register B
(ISRB) are inserted into the data stream It contains the start value for the Injection Counter
The Injection Threshold Register value is loaded into the Injection Counter when the counter reaches zero or during every
Control Bus Interface write-cycle of this register
The Injection Counter is an 8-bit down-counter which decrements every 80 ns It’s current value is read for CIJCR
The counter is active only during One Shot or Periodic Injection Modes (ie Injection Controlk10l bits (ICk10l)ofthe
Current Transmit State Register (CTSR) are set to either 01 or 10) The Transmitter Block will replace a data symbol pair with
ISRA and ISRB when the counter reaches 0 and the Injection Mode is either One Shot or Periodic
If the Injection Threshold Register is set to 0 during the One Shot mode the JK will be replaced with ISRA and ISRB If the
Injection Threshold Register is set to 0 during the Periodic mode all data symbols are replaced with ISRA and ISRB
The counter is initialized to 0 during the reset process (ie ERSTeGND)
For further information see the INJECTION CONTROL LOGIC section
ACCESS RULES
ADDRESS
READ
WRITE
05h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
IJT7
IJT6
IJT5
IJT4
IJT3
IJT2
IJT1
IJT0
Bit
Symbol
Description
D0-D7
IJT0 – IJT7
INJECTION THRESHOLD BITk0-7l
Start value for the Injection Counter
IJT0 is the Least Significant Bit (LSB)
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com