Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256VF Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256VF Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button DP83256VF Datasheet HTML 125Page - National Semiconductor (TI) DP83256VF Datasheet HTML 126Page - National Semiconductor (TI) DP83256VF Datasheet HTML 127Page - National Semiconductor (TI) DP83256VF Datasheet HTML 128Page - National Semiconductor (TI) DP83256VF Datasheet HTML 129Page - National Semiconductor (TI) DP83256VF Datasheet HTML 130Page - National Semiconductor (TI) DP83256VF Datasheet HTML 131Page - National Semiconductor (TI) DP83256VF Datasheet HTML 132Page - National Semiconductor (TI) DP83256VF Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 144 page
background image
80 Connection Diagrams (Continued)
TABLE 8-1 DP83256 100-Pin PQFP Pinout Summary
Pin No
Signal Name
Symbol
IO
Pin Type
1
Local Byte Clock 4
LBC4
O
TTL
2
Local Byte Clock 3
LBC3
O
TTL
3
Local Byte Clock 2
LBC2
O
TTL
4
Local Byte Clock 1
LBC1
O
TTL
5
Clock 1632
CLK16
O
TTL
6
PHY Port A Indicate Parity
AIP
O
TTL
7
PHY Port A Indicate Control
AIC
O
TTL
8
PHY Port A Indicate Datak7l
AID7
O
TTL
9
PHY Port A Indicate Datak6l
AID6
O
TTL
10
PHY Port A Indicate Datak5l
AID5
O
TTL
11
IO Power
VCC IO
a
5V
12
IO Ground
GND
IO
a
0V
13
PHY Port A Indicate Datak4l
AID4
O
TTL
14
PHY Port A Indicate Datak3l
AID3
O
TTL
15
PHY Port A Indicate Datak2l
AID2
O
TTL
16
PHY Port A Indicate Datak1l
AID1
O
TTL
17
PHY Port A Indicate Datak0l
AID0
O
TTL
18
Reserved
0
RES
0
a
0V
19
Reserved
0
RES
0
a
0V
20
ANALOG Power
VCC ANALOG
a
5V
21
ANALOG Ground
GND
ANALOG
a
0V
22
Phase Select
PH
SEL
I
TTL
23
Reference Select
REF
SEL
I
TTL
24
Reference Input
REF
IN
I
TTL
25
Feedback Input
FBK
IN
I
TTL
26
Crystal Output
XTAL
OUT
O
27
Crystal Input
XTAL
IN
I
28
ESD Power
VCC ESD
a
5V
29
ESD Ground
GND
ESD
a
0V
30
Loop Filter
LPFLTR
O
31
ECL Power
VCC ECL
a
5V
32
PMD Request Data b
PMRDb
O
ECL
33
PMD Request Data a
PMRDa
O
ECL
34
ECL Power
VCC ECL
a
5V
35
ECL Ground
GND
ECL
a
0V
36
Signal Detect b
SDb
I
ECL
37
Signal Detect a
SDa
I
ECL
38
PMD Indicate Data b
PMIDb
I
ECL
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com