Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR941L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MMBR941L
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MMBR941L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MMBR941L Datasheet HTML 1Page - Inchange Semiconductor Company Limited MMBR941L Datasheet HTML 2Page - Inchange Semiconductor Company Limited MMBR941L Datasheet HTML 3Page - Inchange Semiconductor Company Limited MMBR941L Datasheet HTML 4Page - Inchange Semiconductor Company Limited MMBR941L Datasheet HTML 5Page - Inchange Semiconductor Company Limited MMBR941L Datasheet HTML 6Page - Inchange Semiconductor Company Limited MMBR941L Datasheet HTML 7Page - Inchange Semiconductor Company Limited MMBR941L Datasheet HTML 8Page - Inchange Semiconductor Company Limited MMBR941L Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
MMBR941L
DESCRIPTION
·
Low Noise
·
High Current-Gain Bandwidth Product
APPLICATIONS
·
Designed for use in high gain , low noise small-signal
amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
1.5
V
IC
Collector Current-Continuous
50
mA
PC
Collector Power Dissipation
@TC= 75℃
0.25
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - MMBR941L

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MMBR941L NJSEMI-MMBR941L Datasheet
69Kb / 2P
Silicon NPN RF Transistor
logo
Motorola, Inc
MMBR941LT1 MOTOROLA-MMBR941LT1 Datasheet
309Kb / 17P
NPN Silicon Low Noise, High-Frequency Transistors
MMBR941LT3 MOTOROLA-MMBR941LT3 Datasheet
309Kb / 17P
NPN Silicon Low Noise, High-Frequency Transistors
More results

Similar Description - MMBR941L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com