Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

593D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 593D
Description  Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D Datasheet(HTML) 1 Page - Vishay Siliconix

  593D Datasheet HTML 1Page - Vishay Siliconix 593D Datasheet HTML 2Page - Vishay Siliconix 593D Datasheet HTML 3Page - Vishay Siliconix 593D Datasheet HTML 4Page - Vishay Siliconix 593D Datasheet HTML 5Page - Vishay Siliconix 593D Datasheet HTML 6Page - Vishay Siliconix 593D Datasheet HTML 7Page - Vishay Siliconix 593D Datasheet HTML 8Page - Vishay Siliconix 593D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.vishay.com
27
593D
Vishay Sprague
Document Number 40005
Revision 01-Mar-04
For technical questions, contact tantalum@vishay.com
Solid Tantalum Chip Capacitors
Tantamount® Commercial, Surface Mount
for Switch Mode Power Supplies and Converters
Tw
H
P
W
L
T
H
MIN
.
FEATURES
• Molded case available in five case codes.
• Compatible with "High Volume" automatic pick and place
equipment.
• High Ripple Current carrying capability.
• Low ESR.
• Meets EIA 535BAAE and IEC Specification QC300801/
US0001.
CASE
EIA
CODE
SIZE
L
W
H
P
Tw
T
H(MIN)
A
3216
0.126 ± 0.008
0.063 ± 0.008
0.063 ± 0.008
0.031 ± 0.012
0.047 ± 0.004
0.028
[3.2 ± 0.20]
[1.6 ± 0.20]
[1.6 ± 0.20]
[0.80 ± 0.30]
[1.2 ± 0.10]
[0.70]
B
3528
0.138 ± 0.008
0.110 ± 0.008
0.075 ± 0.008
0.031 ± 0.012
0.087 ± 0.004
0.028
[3.5 ± 0.20]
[2.8 ± 0.20]
[1.9 ± .20]
[0.80 ± 0.30]
[2.2 ± 0.10]
[0.70]
C
6032
0.236 ± 0.012
0.126 ± 0.012
0.098 ± 0.012
0.051 ± 0.012
0.087 ± 0.004
0.039
[6.0 ± 0.30]
[3.2 ± 0.30]
[2.5 ± 0.30]
[1.3 ± 0.30]
[2.2 ± 0.10]
[1.0]
D
7343
0.287 ± 0.012
0.170 ± 0.012
0.110 ± 0.012
0.051 ± 0.012
0.095 ± 0.004
0.039
[7.3 ± 0.30]
[4.3 ± 0.30]
[2.8 ± 0.30]
[1.3 ± 0.30]
[2.4 ± 0.10]
[1.0]
E
7343H
0.287 ± 0.012
0.170 ± 0.012
0.158 ± 0.012
0.051 ± 0.012
.095 ± 0.004
0.039
[7.3 ± 0.30]
[4.3 ± 0.30]
[4.0 ± .30]
[1.3 ± 0.30]
[2.4 ± 0.10]
[1.0]
DIMENSIONS in inches [millimeters]
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage
substitutions will be marked with the higher voltage rating.
ORDERING INFORMATION
593D
TYPE
107
CAPACITANCE
D
CASE CODE
See Ratings
and Case
Codes Table.
2 = Solderable
coating.
Standard.
2
TERMINATION
X9
CAPACITANCE
TOLERANCE
010
DC VOLTAGE RATING
@ + 85°C
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an "R"
(6R3 = 6.3 volts).
W
REEL SIZE AND
PACKAGING
T = Tape and reel*
7" [178mm] reel
W = 13" [330mm] reel
*Cathode nearest
sprocket hole.
This is expressed
in picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow.
X0 =
± 20%
X9 =
± 10%
X5 =
± 5%
(Special Order)
Operating Temperature: - 55°C to + 85°C.
(To +125°C with voltage derating.)
Capacitance Range: 0.47µF to 680µF.
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Capacitance Tolerance: ± 20%, ± 10% standard.
Compliant Terminations
100% Surge Current Tested (C, D, & E Case Sizes)
Voltage Rating: 4 WVDC to 50 WVDC.


Similar Part No. - 593D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D Datasheet
117Kb / 6P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
20-Oct-08
593D VISHAY-593D Datasheet
438Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
08-Jan-14
593D VISHAY-593D Datasheet
565Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
02-Nov-17
593D VISHAY-593D Datasheet
477Kb / 19P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D1051016A2 VISHAY-593D1051016A2 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
04-Jul-13
More results

Similar Description - 593D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
04-Jul-13
255D VISHAY-255D Datasheet
177Kb / 6P
Organic Polymer, Low ESR, Tantalum Capacitors Commercial, Surface Mount Capacitors for Switch Mode Power Supplies and Converters
04-Feb-03
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
17-Jun-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
26-Jun-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
04-Jul-13
595D336X9035R2T VISHAY-595D336X9035R2T Datasheet
135Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT
08-Jan-13
TM3 VISHAY-TM3 Datasheet
88Kb / 6P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
02-Jul-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
28-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
04-Jul-13
DLA14002 VISHAY-DLA14002 Datasheet
287Kb / 19P
Solid Tantalum Chip Capacitors, TANTAMOUNT
12-Apr-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com