Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

593D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 593D
Description  Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D Datasheet(HTML) 2 Page - Vishay Siliconix

  593D Datasheet HTML 1Page - Vishay Siliconix 593D Datasheet HTML 2Page - Vishay Siliconix 593D Datasheet HTML 3Page - Vishay Siliconix 593D Datasheet HTML 4Page - Vishay Siliconix 593D Datasheet HTML 5Page - Vishay Siliconix 593D Datasheet HTML 6Page - Vishay Siliconix 593D Datasheet HTML 7Page - Vishay Siliconix 593D Datasheet HTML 8Page - Vishay Siliconix 593D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
593D
Vishay Sprague
Document Number 40005
Revision 01-Mar-04
28
For technical questions, contact tantalum@vishay.com
RATINGS AND CASE CODES
*Preliminary values, contact factory for availability.
µF
4V
6.3V
10V
16V
20V
25V
35V
50V
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
Std.
Ext.
0.47
A
0.68
A
1.0
A
A
B
A
B
1.5
AC
B
B
C
2.2
A
B
AC
BD
C
3.3
A
A
B
C
D
C
4.7
A
B
A
B
A
C
B
C
D
E
6.8
A
A
B
C
D
C
D/E
10
A
A
C
A/B
C
B
C
D
E
15
A
A
A/B
C
B
B/C
D
C
D
22
A
A/B
C
A/B
B/C
D
C
D
D/E
33
A/B
A*B
B/C
D
B*/C
D
C
D/E
47
A*/B
B/C
D
B/C
D
C
D/E
68
B/C
B/C
D
B*/C
D
D/E
100
B/C
D
B/C
C*/D
D/E
E
150
D
B/C
E
C/D
D/E
D*/E
220
C/D
D/E
D/E
330
D
D/E
D*/E
470
D/E
D*/E
E*
680
D*/E
E*
CONSTRUCTION
Anode Weld
Epoxy Case
Cathode
Termination ( - )
Tantalum
Capacitor
Element
Positive
Termination
Polarity
Stripe (+)
Marking:
Capacitor marking will include an anode (+) polarity band, capacitance
in microfarads and the voltage rating of + 85°C. 'A' Case capacitors use
a letter code for the voltage and EIA capacitance code.
The Sprague® trademark may be included if space permits.
Units rated at 6.3 V shall be marked 6 V.
A manufacturing date code is marked on all case codes.
Call the factory for further explanation.
CONSTRUCTION AND MARKING
Capacitance
Voltage
Vishay
Sprague
Logo
Date Code
Polarity
Band
B, C, D, E
MARKING
Capacitance Code,
pF
Vishay
Sprague
Logo
“A” Case
Polarity Band
Voltage Code
Volts
Code
4G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
V 104
22
10
2
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com