Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

593D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 593D
Description  Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D Datasheet(HTML) 5 Page - Vishay Siliconix

  593D Datasheet HTML 1Page - Vishay Siliconix 593D Datasheet HTML 2Page - Vishay Siliconix 593D Datasheet HTML 3Page - Vishay Siliconix 593D Datasheet HTML 4Page - Vishay Siliconix 593D Datasheet HTML 5Page - Vishay Siliconix 593D Datasheet HTML 6Page - Vishay Siliconix 593D Datasheet HTML 7Page - Vishay Siliconix 593D Datasheet HTML 8Page - Vishay Siliconix 593D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
31
593D
Vishay Sprague
Document Number 40005
Revision 01-Mar-04
For technical questions, contact tantalum@vishay.com
1.0
A
593D105X_025A2_
0.5
4
4.000
0.14
1.5
A
593D155X_025A2_
0.5
6
4.000
0.14
2.2
A
593D225X_025A2_
0.5
6
4.000
0.14
2.2
B
593D225X_025B2_
0.6
6
1.500
0.24
3.3
B
593D335X_025B2_
0.8
6
1.500
0.24
4.7
B
593D475X_025B2_
1.2
6
1.500
0.24
4.7
C
593D475X_025C2_
1.2
6
0.525
0.46
6.8
C
593D685X_025C2_
1.7
6
0.500
0.47
10
C
593D106X_025C2_
2.5
6
0.450
0.49
15
C
593D156X_025C2_
3.8
6
0.425
0.51
15
D
593D156X_025D2_
3.8
6
0.250
0.77
22
D
593D226X_025D2_
5.5
6
0.200
0.87
33
D
593D336X_025D2_
8.3
6
0.200
0.87
33
E
593D336X_025E2_
8.3
6
0.200
0.91
33
E
593D336X_025E2_035
6.6
4
0.175
0.97
STANDARD / EXTENDED RATINGS
25 WVDC @ + 85
°C, SURGE = 32 V . . . 17 WVDC @ + 125°C, SURGE = 20 V
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
0.47
A
593D474X_035A2_
0.5
4
4.000
0.14
0.68
A
593D684X_035A2_
0.5
4
4.000
0.14
1.0
A
593D105X_035A2_
0.5
4
4.000
0.14
1.0
B
593D105X_035B2_
0.5
4
2.000
0.21
1.5
B
593D155X_035B2_
0.5
6
2.000
0.21
1.5
C
593D155X_035C2_
0.5
6
0.900
0.35
2.2
B
593D225X_035B2_
0.8
6
2.000
0.21
2.2
C
593D225X_035C2_
0.8
6
0.900
0.40
3.3
C
593D335X_035C2_
1.2
6
0.700
0.45
4.7
C
593D475X_035C2_
1.6
6
0.500
0.47
6.8
C
593D685X_035C2_
2.4
6
0.475
0.48
6.8
D
593D685X_035D2_
2.4
6
0.300
0.71
10
D
593D106X_035D2_
3.5
6
0.300
0.71
10
D
593D106X_035D2_035
3.5
6
0.250
0.77
15
D
593D156X_035D2_
5.3
6
0.300
0.71
15
D
593D156X_035D2_035
5.3
6
0.260
0.76
22
D
593D226X_035D2_
7.7
6
0.3
0.71
22
E
593D226X_035E2_
7.7
6
0.275
0.77
50 WVDC @ + 85
°C, SURGE = 65 V . . . 33 WVDC @ + 125°C, SURGE = 40 V
1.0
B
593D105X_050B2_
0.8
6
2.000
0.21
1.5
C
593D155X_050C2_
0.8
6
1.500
0.27
1.5
B
593D155X_050B2_
0.8
6
2.000
0.21
2.2
C
593D225X_050C2_
1.1
6
1.500
0.27
2.2
D
593D225X_050D2_
1.1
6
2.000
0.21
3.3
C
593D335X_050C2_
1.7
6
1.500
0.27
3.3
D
593D335X_050D2_
1.7
6
0.800
0.43
4.7
D
593D475X_050D2_
2.4
6
0.600
0.50
4.7
D
593D475X_050D2_035
2.4
6
0.300
0.71
4.7
E
593D475X_050E2_044
1.9
4
0.300
0.74
6.8
D
593D685X_050D2_
3.4
6
0.600
0.50
6.8
E
593D685X_050E2_
3.4
6
0.550
0.55
10
E
593D106X_050E2_
5.0
6
0.550
0.55
Max. RIPPLE
100kHz
Irms
(Amps)
CASE
CODE
PART NUMBER
Max. DC
Leakage
@ + 25
°C
(
µA)
Max. ESR
@ + 25
°
100kHz
(Ohms)
Max. DF
@ + 25
°C
120 Hz
(%)
CAPACITANCE
(
µF)
• Preliminary values, contact factory for availability. For 10% tolerance, specify “9”; for 20% tolerance, change to “0”. Extended Ratings in bold print.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com