Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

593D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 593D
Description  Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D Datasheet(HTML) 4 Page - Vishay Siliconix

  593D Datasheet HTML 1Page - Vishay Siliconix 593D Datasheet HTML 2Page - Vishay Siliconix 593D Datasheet HTML 3Page - Vishay Siliconix 593D Datasheet HTML 4Page - Vishay Siliconix 593D Datasheet HTML 5Page - Vishay Siliconix 593D Datasheet HTML 6Page - Vishay Siliconix 593D Datasheet HTML 7Page - Vishay Siliconix 593D Datasheet HTML 8Page - Vishay Siliconix 593D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
593D
Vishay Sprague
Document Number 40005
Revision 01-Mar-04
30
For technical questions, contact tantalum@vishay.com
STANDARD / EXTENDED RATINGS
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 8 V
16 WVDC @ + 85
°C, SURGE = 20 V . . .10 WVDC @ + 125°C, SURGE = 12 V
3.3
A
593D335X_016A2_
0.5
6
3.500
0.15
4.7
A
593D475X_016A2_
0.8
6
2.500
0.17
4.7
B
593D475X_016B2_
0.8
6
1.500
0.24
6.8
A
593D685X_016A2_
1.1
6
3.000
0.16
10
A
593D106X_016A2_
1.6
6
1.700
0.21
10
B
593D106X_016B2_
1.6
6
0.800
0.33
10
C
593D106X_016C2_
1.6
6
0.450
0.49
15
B
593D156X_016B2_
2.4
6
0.800
0.33
15
C
593D156X_016C2_
2.4
6
0.400
0.52
22
B
593D226X_016B2_
3.5
6
0.700
0.35
22
C
593D226X_016C2_
3.5
6
0.350
0.56
33*
B*
593D336X_016B2_*
5.3*
6*
0.700*
0.35*
33
C
593D336X_016C2_
5.3
6
0.300
0.61
33
D
593D336X_016D2_
4.2
4
0.225
0.82
33
D
593D336X_016D2_035
5.3
6
0.150
1.00
47
C
593D476X_016C2_
7.5
6
0.300
0.61
47
D
593D476X_016D2_
7.5
6
0.150
1.00
68
D
593D686X_016D2_
10.9
6
0.150
1.00
100
D
593D107X_016D2_
16
8
0.125
1.10
100
E
593D107X_016E2_
16
8
0.100
1.28
150
E
593D157X_016E2_
24
8
0.100
1.28
1.0
A
593D105X_020A2_
0.5
4
5.500
0.12
2.2
A
593D225X_020A2_
0.5
6
4.000
0.14
3.3
A
593D335X_020A2_
0.7
6
4.000
0.14
4.7
A
593D475X_020A2_
0.9
6
3.500
0.15
4.7
B
593D475X_020B2_
0.9
6
1.000
0.29
6.8
B
593D685X_020B2_
1.4
6
1.000
0.29
10
B
593D106X_020B2_
2.0
6
1.000
0.29
10
C
593D106X_020C2_
2.0
6
0.450
0.49
15
B
593D156X_020B2_
3.0
6
1.000
0.29
15
C
593D156X_020C2_
3.0
6
0.400
0.52
22
C
593D226X_020C2_
4.4
6
0.375
0.54
22
D
593D226X_020D2_
3.5
4
0.225
0.82
33
C
593D336X_020C2_
6.6
6
0.350
0.56
33
D
593D336X_020D2_
6.6
6
0.200
0.87
47
D
593D476X_020D2_
9.4
6
0.200
0.87
47
E
593D476X_020E2_
7.5
4
0.150
1.05
68
D
593D686X_020D2_
13.6
6
0.175
0.93
68
E
593D686X_020E2_
13.6
6
0.150
1.05
100
E
593D107X_020E2_
20
8
0.150
1.05
47
D
593D476X_010D2_
4.7
6
0.200
0.87
47
D
593D476X_010D2_035
4.7
6
0.140
1.04
47
D
593D476X_010D2_044
4.7
6
0.100
1.22
68
C
593D686X_010C2_
6.8
6
0.275
0.63
68
D
593D686X_010D2_
6.8
6
0.150
1.00
100*
C*
593D107X_010C2_*
10*
8*
0.200*
0.74*
100
D
593D107X_010D2_
10
6
0.100
1.22
100
D
593D107X_010D2_035
10
6
0.080
1.37
150
D
593D157X_010D2_
15
8
0.100
1.22
150
E
593D157X_010E2_
15
8
0.100
1.28
220
D
593D227X_010D2_
22
8
0.100
1.10
220
E
593D227X_010E2_
22
8
0.100
1.28
330
E
593D337X_010E2_
33
10
0.100
1.28
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V
Max. RIPPLE
100kHz
Irms
(Amps)
CASE
CODE
PART NUMBER
Max. DC
Leakage
@ + 25
°C
(
µA)
Max. ESR
@ + 25
°
100kHz
(Ohms)
Max. DF
@ + 25
°C
120 Hz
(%)
CAPACITANCE
(
µF)
• Preliminary values, contact factory for availability. For 10% tolerance, specify “9”; for 20% tolerance, change to “0”. Extended Ratings in bold print.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com