Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83846 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 26Page - National Semiconductor (TI) DP83846 Datasheet HTML 27Page - National Semiconductor (TI) DP83846 Datasheet HTML 28Page - National Semiconductor (TI) DP83846 Datasheet HTML 29Page - National Semiconductor (TI) DP83846 Datasheet HTML 30Page - National Semiconductor (TI) DP83846 Datasheet HTML 31Page - National Semiconductor (TI) DP83846 Datasheet HTML 32Page - National Semiconductor (TI) DP83846 Datasheet HTML 33Page - National Semiconductor (TI) DP83846 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
30
www.national.com
Table 7. Basic Mode Control Register (BMCR), Address 0x00
Bit
Bit Name
Default
Description
15
Reset
0, RW/SC Reset:
1 = Initiate software Reset / Reset in Process.
0 = Normal operation.
This bit, which is self-clearing, returns a value of one until the reset process is
complete. The configuration is re-strapped.
14
Loopback
0, RW
Loopback:
1 = Loopback enabled.
0 = Normal operation.
The loopback function enables MII transmit data to be routed to the MII receive
data path.
Setting this bit may cause the descrambler to lose synchronization and produce a
500
µs “dead time” before any valid data will appear at the MII receive outputs.
13
Speed Selection Strap, RW Speed Select:
When auto-negotiation is disabled writing to this bit allows the port speed to be se-
lected.
1 = 100 Mb/s.
0 = 10 Mb/s.
12
Auto-Negotiation
Enable
Strap, RW Auto-Negotiation Enable:
Strap controls initial value at reset.
1 = Auto-Negotiation Enabled - bits 8 and 13 of this register are ignored when this
bit is set.
0 = Auto-Negotiation Disabled - bits 8 and 13 determine the port speed and duplex
mode.
11
Power Down
0, RW
Power Down:
1 = Power down.
0 = Normal operation.
Setting this bit powers down the PHY. Only the register block is enabled during a
power down condition.
10
Isolate
0, RW
Isolate:
1 = Isolates the Port from the MII with the exception of the serial management.
0 = Normal operation.
9
Restart Auto-
Negotiation
0, RW/SC Restart Auto-Negotiation:
1 = Restart Auto-Negotiation. Re-initiates the Auto-Negotiation process. If Auto-
Negotiation is disabled (bit 12 = 0), this bit is ignored. This bit is self-clearing and
will return a value of 1 until Auto-Negotiation is initiated, whereupon it will self-
clear. Operation of the Auto-Negotiation process is not affected by the manage-
ment entity clearing this bit.
0 = Normal operation.
8
Duplex Mode
Strap, RW Duplex Mode:
When auto-negotiation is disabled writing to this bit allows the port Duplex capa-
bility to be selected.
1 = Full Duplex operation.
0 = Half Duplex operation.
7
Collision Test
0, RW
Collision Test:
1 = Collision test enabled.
0 = Normal operation.
When set, this bit will cause the COL signal to be asserted in response to the as-
sertion of TX_EN within 512-bit times. The COL signal will be de-asserted within
4-bit times in response to the de-assertion of TX_EN.
6:0
RESERVED
0, RO
RESERVED: Write ignored, read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com