Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83846 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 36Page - National Semiconductor (TI) DP83846 Datasheet HTML 37Page - National Semiconductor (TI) DP83846 Datasheet HTML 38Page - National Semiconductor (TI) DP83846 Datasheet HTML 39Page - National Semiconductor (TI) DP83846 Datasheet HTML 40Page - National Semiconductor (TI) DP83846 Datasheet HTML 41Page - National Semiconductor (TI) DP83846 Datasheet HTML 42Page - National Semiconductor (TI) DP83846 Datasheet HTML 43Page - National Semiconductor (TI) DP83846 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
40
www.national.com
7
Unused
0,RO
6
RESERVED
0
RESERVED:
Must be zero.
5
FORCE_100_OK
0, RW
Force 100Mb/s Good Link:
1 = Forces 100Mb/s Good Link.
0 = Normal 100Mb/s operation.
4
RESERVED
0
RESERVED:
Must be zero.
3
RESERVED
0
RESERVED:
Must be zero.
2
NRZI_BYPASS
0, RW
NRZI Bypass Enable:
1 = NRZI Bypass Enabled.
0 = NRZI Bypass Disabled.
1
SCRAM_BYPASS
0, RW
Scrambler Bypass Enable:
1 = Scrambler Bypass Enabled.
0 = Scrambler Bypass Disabled.
0
DESCRAM_BYPA
SS
0, RW
Descrambler Bypass Enable:
1 = Descrambler Bypass Enabled.
0 = Descrambler Bypass Disabled.
Table 20. Reserved Registers, addresses 0x17, 0x18
Bit
Bit Name
Default
Description
15:0
RESERVED
none, RW
RESERVED: Must not be written to during normal operation.
Table 19. 100 Mb/s PCS Configuration and Status Register (PCSR), address 0x16 (Continued)
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com