Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83846 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 9Page - National Semiconductor (TI) DP83846 Datasheet HTML 10Page - National Semiconductor (TI) DP83846 Datasheet HTML 11Page - National Semiconductor (TI) DP83846 Datasheet HTML 12Page - National Semiconductor (TI) DP83846 Datasheet HTML 13Page - National Semiconductor (TI) DP83846 Datasheet HTML 14Page - National Semiconductor (TI) DP83846 Datasheet HTML 15Page - National Semiconductor (TI) DP83846 Datasheet HTML 16Page - National Semiconductor (TI) DP83846 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
www.national.com
Refer to Figure 2 for an example of a PHYAD connection to
external components. In this example, the PHYAD strap-
ping results in address 00011 (03h).
The adaptive nature of the LED outputs helps to simplify
potential implementation issues of these dual purpose
pins.
2.3 LED INTERFACES
The DP83846A has 6 Light Emitting Diode (LED) outputs
to indicate the status of Link, Transmit, Receive, Collision,
Speed, and Full/Half Duplex operation. The LED_CFG
strap option is used to configure the LED_FDPLX output
for use as an LED driver or more general purpose control
pin. See the table below:
The LED_FDPLX pin indicates the Half or Full Duplex con-
figuration of the port in both 10 Mb/s and 100 Mb/s opera-
tion. Since this pin is also used as the PHY address strap
option, the polarity of this indicator may be adjusted so that
in the “active” (FULL DUPLEX selected) state it drives
against the pullup/pulldown strap. In this configuration it is
suitable for use as an LED. When LED_CFG is high this
mode is selected and DsPHYTER automatically adjusts
the polarity of the output. If LED_CFG is low, the output
drives high to indicate the “active” state. In this configura-
tion the output is suitable for use as a control pin. The
LED_SPEED pin indicates 10 or 100 Mb/s data rate of the
port. The standard CMOS driver goes high when operating
in 100 Mb/s operation. Since this pin is not utilized as a
strap option, it is not affected by polarity adjustment.
The LED_GDLNK pin indicates the link status of the port.
Since this pin is also used as the PHY address strap
option, the polarity of this indicator is adjusted to be the
inverse of the strap value.
In 100BASE-T mode, link is established as a result of input
receive amplitude compliant with TP-PMD specifications
which will result in internal generation of signal detect.
10 Mb/s Link is established as a result of the reception of at
least seven consecutive normal Link Pulses or the recep-
tion of a valid 10BASE-T packet. This will cause the asser-
tion of GD_LINK. GD_LINK will deassert in accordance
with the Link Loss Timer as specified in IEEE 802.3.
The Collision LED indicates the presence of collision activ-
ity for 10 Mb/s or 100 Mb/s Half Duplex operation. This bit
has no meaning in Full Duplex operation and will be deas-
serted when the port is operating in Full Duplex. Since this
pin is also used as the PHY address strap option, the polar-
ity of this indicator is adjusted to be the inverse of the strap
value. In 10 Mb/s half duplex mode, the collision LED is
based on the COL signal. When in this mode, the user
should disable the Heartbeat (SQE) to avoid asserting the
COL LED during transmission. See Section 3.4.2 for more
information about the Heartbeat signal.
The LED_RX and LED_TX pins indicate the presence of
transmit and/or receive activity. Since these pins are also
used in PHY address strap options, the polarity is adjusted
to be the inverse of the respective strap values.
2.4 Half Duplex vs. Full Duplex
The DP83846A supports both half and full duplex operation
at both 10 Mb/s and 100 Mb/s speeds. Half-duplex is the
standard, traditional mode of operation which relies on the
CSMA/CD protocol to handle collisions and network
access. In Half-Duplex mode, CRS responds to both trans-
mit and receive activity in order to maintain compliance
with IEEE 802.3 specification.
Since the DP83846A is designed to support simultaneous
transmit and receive activity it is capable of supporting full-
duplex switched applications with a throughput of up to 200
Figure 2. PHYAD Strapping and LED Loading Example
VCC
PHYAD0 = 1
PHYAD1 = 1
PHYAD2 = 0
PHYAD3 = 0
PHYAD4= 0
Table 3. LED Mode Select
LED_CFG
Mode Description
1
LED polarity adjusted
0
Duplex active-high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com