Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83846 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83846 Datasheet HTML 1Page - National Semiconductor (TI) DP83846 Datasheet HTML 2Page - National Semiconductor (TI) DP83846 Datasheet HTML 3Page - National Semiconductor (TI) DP83846 Datasheet HTML 4Page - National Semiconductor (TI) DP83846 Datasheet HTML 5Page - National Semiconductor (TI) DP83846 Datasheet HTML 6Page - National Semiconductor (TI) DP83846 Datasheet HTML 7Page - National Semiconductor (TI) DP83846 Datasheet HTML 8Page - National Semiconductor (TI) DP83846 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
© 2000 National Semiconductor Corporation
www.national.com
Preliminary
April 2000
DP83846A DsPHYTER
® — Single 10/100 Ethernet Transceiver
General Description
The DP83846A is a full feature single Physical Layer
device with integrated PMD sublayers to support both
10BASE-T and 100BASE-TX Ethernet protocols over Cat-
egory 3 (10 Mb/s) or Category 5 unshielded twisted pair
cables.
The DP83846A is designed for easy implementation of
10/100 Mb/s Ethernet home or office solutions. It interfaces
to Twisted Pair media via an external transformer. This
device interfaces directly to MAC devices through the IEEE
802.3u standard Media Independent Interface (MII) ensur-
ing interoperability between products from different ven-
dors.
The DP83846A utilizes on chip Digital Signal Processing
(DSP) technology and digital Phase Lock Loops (PLLs) for
robust
performance
under
all
operating
conditions,
enhanced noise immunity, and lower external component
count when compared to analog solutions.
System Diagram
PHYTER® and TRI-STATE® are registered trademarks of National Semiconductor Corporation.
Status
10BASE-T
or
100BASE-TX
MII
25 MHz
Typical DsPHYTER application
Ethernet MAC
RJ-45
Clock
LEDs
DP83846A
10/100 Mb/s
DsPHYTER
Features
s IEEE 802.3 ENDEC, 10BASE-T transceivers and filters
s IEEE 802.3u PCS, 100BASE-TX transceivers and filters
s IEEE 802.3 compliant Auto-Negotiation
s Output edge rate control eliminates external filtering for
Transmit outputs
s BaseLine Wander compensation
s 5V/3.3V MAC interface
s IEEE 802.3u MII (16 pins/port)
s LED support (Link, Rx, Tx, Duplex, Speed, Collision)
s Single register access for complete PHY status
s 10/100 Mb/s packet loopback BIST (Built in Self Test)
s Low-power 3.3V, 0.35um CMOS technology
s 5V tolerant I/Os
s 80-pin LQFP package (12w) x (12l) x (1.4h) mm


Similar Part No. - DP83846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83846A TI1-DP83846A Datasheet
946Kb / 62P
DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846A TI2-DP83846A Datasheet
945Kb / 62P
DP83846A DsPHYTER — Single 10/100 Ethernet Transceiver
May 2002
DP83846AVHG TI1-DP83846AVHG Datasheet
946Kb / 62P
DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846AVHG/NOPB TI1-DP83846AVHG/NOPB Datasheet
946Kb / 62P
DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846AVHG/NOPB TI2-DP83846AVHG/NOPB Datasheet
945Kb / 62P
DP83846A DsPHYTER — Single 10/100 Ethernet Transceiver
May 2002
More results

Similar Description - DP83846

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83847 NSC-DP83847 Datasheet
378Kb / 60P
DsPHYTER II ??Single 10/100 Ethernet Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
Microchip Technology
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
Texas Instruments
DP83846A TI1-DP83846A_11 Datasheet
946Kb / 62P
DsPHYTER - Single 10/100 Ethernet Transceiver
DP83847 TI1-DP83847_11 Datasheet
415Kb / 62P
DsPHYTER II - Single 10/100 Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com