Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD628ARM
Description  High Common-Mode Voltage Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD628ARM Datasheet HTML 2Page - Analog Devices AD628ARM Datasheet HTML 3Page - Analog Devices AD628ARM Datasheet HTML 4Page - Analog Devices AD628ARM Datasheet HTML 5Page - Analog Devices AD628ARM Datasheet HTML 6Page - Analog Devices AD628ARM Datasheet HTML 7Page - Analog Devices AD628ARM Datasheet HTML 8Page - Analog Devices AD628ARM Datasheet HTML 9Page - Analog Devices AD628ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD628
Rev. C | Page 6 of 20
AD628AR
AD628ARM
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±2.25
+36
±2.25
+36
V
Quiescent Current
1.6
1.6
mA
TEMPERATURE RANGE
−40
+85
−40
+85
°C
1To use a lower gain, see the Gain Adjustment section.
2 The addition of the difference amp’s and output amp’s offset voltage does not exceed this specification.
3 Greater values of voltage are possible with greater or lesser values of VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com