Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD628ARM
Description  High Common-Mode Voltage Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD628ARM Datasheet HTML 12Page - Analog Devices AD628ARM Datasheet HTML 13Page - Analog Devices AD628ARM Datasheet HTML 14Page - Analog Devices AD628ARM Datasheet HTML 15Page - Analog Devices AD628ARM Datasheet HTML 16Page - Analog Devices AD628ARM Datasheet HTML 17Page - Analog Devices AD628ARM Datasheet HTML 18Page - Analog Devices AD628ARM Datasheet HTML 19Page - Analog Devices AD628ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD628
Rev. C | Page 18 of 20
FILTER CAPACITOR VALUES
A capacitor may be connected to Pin 4 (CFILT) to implement a
low-pass filter. The capacitor value is
()
μF
15.9/ tf
C =
where ft is the desired 3 dB filter frequency.
Table 7 shows several frequencies and their closest standard
capacitor values.
Table 7. Capacitor Values for Various Filter Frequencies
Frequency (Hz)
Capacitor Value (µF)
10
1.5
50
0.33
60
0.27
100
0.15
400
0.039
1 k
0.015
5 k
0.0033
10 k
0.0015
KELVIN CONNECTION
In certain applications, it may be desirable to connect the
inverting input of an amplifier to a remote reference point. This
eliminates errors resulting in circuit losses in interconnecting
wiring. The AD628 is particularly suited for this type of
connection. In Figure 35, a 10 kΩ resistor is added in the
feedback to match the source impedance of A2, which is
described in more detail in the Gain Adjustment section.
+IN
–IN
A2
+VS
5V
–IN
+IN
VREF
OUT
CIRCUIT
LOSS
LOAD
+IN
–IN
G = +0.1
A1
AD628
–VS
10k
Ω
10k
Ω
10k
Ω
100k
Ω
100k
Ω
VS/2
CFILT
RG
10k
Ω
Figure 35. Kelvin Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com