Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD628ARM
Description  High Common-Mode Voltage Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARM Datasheet(HTML) 1 Page - Analog Devices

  AD628ARM Datasheet HTML 1Page - Analog Devices AD628ARM Datasheet HTML 2Page - Analog Devices AD628ARM Datasheet HTML 3Page - Analog Devices AD628ARM Datasheet HTML 4Page - Analog Devices AD628ARM Datasheet HTML 5Page - Analog Devices AD628ARM Datasheet HTML 6Page - Analog Devices AD628ARM Datasheet HTML 7Page - Analog Devices AD628ARM Datasheet HTML 8Page - Analog Devices AD628ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Common-Mode Voltage
Programmable Gain Difference Amplifier
AD628
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
High common-mode input voltage range
±120 V at VS = ±15 V
Gain range 0.1 to 100
Operating temperature range: −40°C to ±85°C
Supply voltage range
Dual supply: ±2.25 V to ±18 V
Single supply: 4.5 V to 36 V
Excellent ac and dc performance
Offset temperature stability RTI: 10 µV/°C max
Offset: ±1.5 V mV max
CMRR RTI: 75 dB min, dc to 500 Hz, G = +1
APPLICATIONS
High voltage current shunt sensing
Programmable logic controllers
Analog input front end signal conditioning
+5 V, +10 V, ±5 V, ±10 V and 4 to 20 mA
Isolation
Sensor signal conditioning
Power supply monitoring
Electrohydraulic control
Motor control
GENERAL DESCRIPTION
The AD628 is a precision difference amplifier that combines
excellent dc performance with high common-mode rejection
over a wide range of frequencies. When used to scale high
voltages, it allows simple conversion of standard control
voltages or currents for use with single-supply ADCs. A
wideband feedback loop minimizes distortion effects due to
capacitor charging of ∑-∆ ADCs.
A reference pin (VREF) provides a dc offset for converting
bipolar to single-sided signals. The AD628 converts +5 V, +10 V,
±5 V, ±10 V, and 4 to 20 mA input signals to a single-ended
output within the input range of single-supply ADCs.
The AD628 has an input common-mode and differential
mode operating range of ±120 V. The high common-mode
input impedance makes the device well suited for high voltage
measurements across a shunt resistor. The buffer amplifier’s
inverting input is available for making a remote Kelvin
connection.
FUNCTIONAL BLOCK DIAGRAM
REXT1
REXT2
RG
+VS
+IN
–IN
+IN
–IN
–VS
A2
A1
+IN
–IN
100k
Ω
100k
Ω
10k
Ω
10k
Ω
VREF
10k
Ω
AD628
OUT
G = +0.1
CFILT
Figure 1.
30
40
50
60
70
80
90
100
110
120
130
FREQUENCY (Hz)
100
10
1k
10k
100k
VS = ±2.5V
VS = ±15V
Figure 2. CMRR vs. Frequency of the AD628
A precision 10 kΩ resistor connected to an external pin is
provided for either a low-pass filter or to attenuate large
differential input signals. A single capacitor implements a low-
pass filter. The AD628 operates from single and dual supplies and
is available in an 8-lead SOIC or MSOP package. It operates over
the standard industrial temperature range of −40°C to +85°C.


Similar Part No. - AD628ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD628ARM AD-AD628ARM Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
AD628ARM AD-AD628ARM Datasheet
486Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628ARM-REEL AD-AD628ARM-REEL Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
AD628ARM-REEL AD-AD628ARM-REEL Datasheet
486Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628ARM-REEL7 AD-AD628ARM-REEL7 Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
More results

Similar Description - AD628ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA146 BURR-BROWN-INA146 Datasheet
129Kb / 11P
High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD628 AD-AD628_06 Datasheet
453Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
3/06-Rev. E to Rev. F
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
AD628 AD-AD628_07 Datasheet
486Kb / 20P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD628 AD-AD628_15 Datasheet
573Kb / 21P
High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Texas Instruments
INA146 TI1-INA146 Datasheet
332Kb / 15P
High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com