Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD628ARM
Description  High Common-Mode Voltage Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD628ARM Datasheet HTML 6Page - Analog Devices AD628ARM Datasheet HTML 7Page - Analog Devices AD628ARM Datasheet HTML 8Page - Analog Devices AD628ARM Datasheet HTML 9Page - Analog Devices AD628ARM Datasheet HTML 10Page - Analog Devices AD628ARM Datasheet HTML 11Page - Analog Devices AD628ARM Datasheet HTML 12Page - Analog Devices AD628ARM Datasheet HTML 13Page - Analog Devices AD628ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD628
Rev. C | Page 10 of 20
100
90
10
0
10
TIME (Sec)
5
0
1s
Figure 11. 0.1 Hz to 10 Hz Voltage Noise, RTI
–40
–30
–20
–10
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
G = +100
G = +10
G = +1
G = +0.1
Figure 12. Small Signal Frequency Response,
VOUT = 200 mV p-p, G = +0.1, +1, +10, and +100
–40
–30
–20
–10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
G = +100
G = +10
G = +1
G = +0.1
Figure 13. Large Signal Frequency Response,
VOUT = 20 V p-p, G = +0.1, +1, +10, and +100
0
5
10
15
20
25
30
35
40
0
1
23
45
6
78
9
10
GAIN ERROR (ppm)
9638 UNITS
Figure 14. Typical Distribution of +1 Gain Error
–150
–100
–50
0
50
100
150
VS (±V)
5
010
15
20
UPPER CMV LIMIT
LOWER CMV LIMIT
VREF = 0V
+85°C
–40°C
+85°C
–40°C
+25°C
Figure 15. Common-Mode Operating Range vs.
Power Supply Voltage for Three Temperatures
100
90
10
0
500
µV
4.0V
R
L = 1kΩ
R
L = 2kΩ
R
L = 10kΩ
V
S = ±15V
OUTPUT VOLTAGE (V)
Figure 16. Normalized Gain Error vs. VOUT, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com