Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5253 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5253 Datasheet HTML 14Page - Analog Devices AD5253 Datasheet HTML 15Page - Analog Devices AD5253 Datasheet HTML 16Page - Analog Devices AD5253 Datasheet HTML 17Page - Analog Devices AD5253 Datasheet HTML 18Page - Analog Devices AD5253 Datasheet HTML 19Page - Analog Devices AD5253 Datasheet HTML 20Page - Analog Devices AD5253 Datasheet HTML 21Page - Analog Devices AD5253 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 18 of 28
Table 10. Address Table for Reading Tolerance (CMD/REG = 0, EE/RDAC = 1, A4 = 1)
A4
A3
A2
A1
A0
Data Byte Description
1
1
0
0
0
Sign and 7-Bit Integer Values of RDAC0 Tolerance (Read Only)
1
1
0
0
1
8-Bit Decimal Value of RDAC0 Tolerance (Read Only)
1
1
0
1
0
Sign and 7-Bit Integer Values of RDAC1 Tolerance (Read Only)
1
1
0
1
1
8-Bit Decimal Value of RDAC1 Tolerance (Read Only)
1
1
1
0
0
Sign and 7-Bit Integer Values of RDAC2 Tolerance (Read Only)
1
1
1
0
1
8-Bit Decimal Value of RDAC2 Tolerance (Read Only)
1
1
1
1
0
Sign and 7-Bit Integer Values of RDAC3 Tolerance (Read Only)
1
1
1
1
1
8-Bit Decimal Value of RDAC3 Tolerance (Read Only)
A
AA
D7
D6
D5
D4
D3
D2
D1
D0
SIGN
SIGN
7 BITS FOR INTEGER NUMBER
26
25
24
23
22
21
20
D7
D6
D5
D4
D3
D2
D1
D0
8 BITS FOR DECIMAL NUMBER
2–8
2–1
2–2
2–3
2–4
2–5
2–6
2–7
Figure 32. Format of Stored Tolerance in Sign Magnitude Format with Bit Position Descriptions. Unit is %. Only Data Bytes Are Shown.
RAB Tolerance Stored in Read-Only Memory
AD5253/AD5254 feature patented RAB tolerances storage in the
nonvolatile memory. The tolerance of each channel is stored in
the memory during the factory production and can be read by
users at any time. The knowledge of the stored tolerance, which
is the average of RAB overall codes (Figure 29), allows users to
predict RAB accurately. This feature is valuable for precision,
rheostat mode, or open-loop applications where knowledge of
absolute resistance is critical.
The stored tolerances reside in the read-only memory, and are
expressed in percent. The tolerance is coded in sign magnitude
binary, 16 bits long, and is stored in two memory locations (see
Table 10). The data format of the tolerance is the sign magni-
tude binary format; an example is shown in Figure 32. In the
first memory location of the eight data bits, the MSB is
designated for the sign (0 = + and 1= –) and the 7 LSBs are
designated for the integer portion of the tolerance. In the
second memory location, all eight data bits are designated for
the decimal portion of tolerance. As shown in Table 8 and
Figure 32, for example, if the rated RAB = 10 kΩ and the data
readback from address 11000 shows 0001 1100 and address
11001 shows 0000 1111, then RDAC0 tolerance can be
calculated as:
MSB: 0 = +
Next 7 MSB: 001 1100 = 28
8 LSB: 0000 1111 = 15 × 2–8 = 0.06
Tolerance = +28.06% and therefore
RAB_ACTUAL = 12.806 kΩ
EEMEM Write-Acknowledge Polling
After each write operation to the EEMEM registers, an internal
write cycle begins. The I2C interface of the device is disabled. In
order to determine if the internal write cycle is complete and
the I2C interface is enabled, interface polling can be executed.
I2C interface polling can be conducted by sending a start condi-
tion followed by the slave address + the write bit. If the I2C
interface responds with an ACK, the write cycle is complete and
the interface is ready to proceed with further operations. Other-
wise, I2C interface polling can be repeated until it succeeds.
Commands 2 and 7 also require acknowledge polling.
EEMEM Write Protection
Setting the WP pin to a logic LOW after EEMEM programming
protects the memory and RDAC registers from future write
operations. In this mode, the EEMEM and RDAC read
operations operate as normal. When write protection is enabled,
commands 1 (restore from EEMEM to RDAC) and 7 (reset)
function normally to allow RDAC settings to be refreshed from
the EEMEM to the RDAC registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com