Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5253 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5253 Datasheet HTML 18Page - Analog Devices AD5253 Datasheet HTML 19Page - Analog Devices AD5253 Datasheet HTML 20Page - Analog Devices AD5253 Datasheet HTML 21Page - Analog Devices AD5253 Datasheet HTML 22Page - Analog Devices AD5253 Datasheet HTML 23Page - Analog Devices AD5253 Datasheet HTML 24Page - Analog Devices AD5253 Datasheet HTML 25Page - Analog Devices AD5253 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 22 of 28
+5V
R1
AD1
AD0
N1
4
2
× 4
+5V
R2X
AD1
AD0
N2X
+5
P2Y
P2Y
P3X
R3X
R3Y
N3Y
AD1
AD0
AD1
AD0
× 4
× 4
× 4
+5V
P4
R4
+5V
2
× 4
DECODER
4
2
× 4
DECODER
4
2
× 4
DECODER
4
2
× 4
DECODER
Figure 38. Four Devices with AD1 and AD0 of 00
TERMINAL VOLTAGE OPERATION RANGE
The AD5253/AD5254 are designed with internal ESD diodes
for protection; these diodes also set the boundary of the
terminal operating voltages. Positive signals present on terminal
A, B, or W that exceed VDD are clamped by the forward biased
diode. Similarly, negative signals on terminal A, B, or W that are
more negative than VSS are also clamped (see Figure 39). In
practice, users should not operate VAB, VWA, and VWB to be
higher than the voltage across VDD-to-VSS, but VAB, VWA, and VWB
have no polarity constraint.
VDD
A
W
B
VSS
Figure 39. Maximum Terminal Voltages Set by VDD and VSS
POWER-UP AND POWER-DOWN SEQUENCES
Since the ESD protection diodes limit the voltage compliance at
terminals A, B, and W (Figure 39), it is important to power
VDD/VSS before applying any voltage to terminals A, B, and W.
Otherwise, the diodes are forward-biased such that VDD/VSS are
powered unintentionally and may affect the rest of the user’s
circuit. Similarly, VDD/VSS should be powered down last. The
ideal power-up sequence is in the following order: GND, VDD,
VSS, digital inputs, and VA/VB/VW. The order of powering VA, VB,
VW, and the digital inputs is not important, as long as they are
powered after VDD/VSS.
LAYOUT AND POWER SUPPLY BIASING
It is always a good practice to employ a compact, minimum
lead-length layout design. The leads to the input should be as
direct as possible, with a minimum conductor length. Ground
paths should have low resistance and low inductance.
Similarly, it is also good practice to bypass the power supplies
with quality capacitors. Low ESR (equivalent series resistance)
1 µF to 10 µF tantalum or electrolytic capacitors should be
applied at the supplies to minimize any transient disturbance
and filter low frequency ripple. Figure 40 illustrates the basic
supply-bypassing configuration for the AD5253/AD5254.
VDD
VDD
VSS
VSS
GND
C3
AD5253/AD5254
C4
C1
C2
10
µF
10
µF
0.1
µF
0.1
µF
Figure 40. Power Supply Bypassing
The ground pin of the AD5253/AD5254 is used primarily as a
digital ground reference. To minimize the digital ground
bounce, the AD5253/AD5254 ground terminal should be joined
remotely to the common ground (see Figure 40).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com