Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5253 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 4 Page - Analog Devices

  AD5253 Datasheet HTML 1Page - Analog Devices AD5253 Datasheet HTML 2Page - Analog Devices AD5253 Datasheet HTML 3Page - Analog Devices AD5253 Datasheet HTML 4Page - Analog Devices AD5253 Datasheet HTML 5Page - Analog Devices AD5253 Datasheet HTML 6Page - Analog Devices AD5253 Datasheet HTML 7Page - Analog Devices AD5253 Datasheet HTML 8Page - Analog Devices AD5253 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 4 of 28
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DIGITAL INPUTS AND OUTPUTS (continued)
A0 Leakage Current
IA0
A0 = GND
3
µA
Input Leakage Current (Other
than WP and A0)
II
VIN = 0 V or VDD
±1
µA
Input Capacitance5
CI
5
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
2.7
5.5
V
Dual-Supply Power Range
VDD/VSS
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
5
15
µA
Negative Supply Current
ISS
VIH = VDD or VIL = GND, VDD = +2.5 V,
VSS = –2.5 V
–5
–15
µA
EEMEM Data Storing Mode
Current
IDD_STORE
VIH = VDD or VIL = GND
35
mA
EEMEM Data Restoring Mode
Current6
IDD_RESTORE
VIH = VDD or VIL = GND
2.5
mA
Power Dissipation7
PDISS
VIH = VDD = 5 V or VIL = GND
0.075
mW
Power Supply Sensitivity
PSS
∆VDD = 5 V ±10%
−0.025
0.01
0.025
%/%
∆VDD = 3 V ±10%
–0.04
0.02
0.04
%/%
DYNAMIC CHARACTERISTICS5, 8
Bandwidth –3 dB
BW
RAB = 1 kΩ
4
MHz
Total Harmonic Distortion
THD
VA =1 V rms, VB = 0 V, f = 1 kHz
0.05
%
VW Settling Time
tS
VA = VDD, VB = 0 V
0.2
µs
Resistor Noise Voltage
eN_WB
RWB = 500 Ω, f = 1 kHz. Thermal noise
only.
3
nV/√Hz
Digital Crosstalk
CT
VA = VDD, VB = 0 V, measure VW with
adjacent RDAC making full-scale change
–80
dB
Analog Coupling
CAT
Signal input at A0 and measure the
output at W1, f = 1 kHz
–72
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com