Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5253 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 2 Page - Analog Devices

  AD5253 Datasheet HTML 1Page - Analog Devices AD5253 Datasheet HTML 2Page - Analog Devices AD5253 Datasheet HTML 3Page - Analog Devices AD5253 Datasheet HTML 4Page - Analog Devices AD5253 Datasheet HTML 5Page - Analog Devices AD5253 Datasheet HTML 6Page - Analog Devices AD5253 Datasheet HTML 7Page - Analog Devices AD5253 Datasheet HTML 8Page - Analog Devices AD5253 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Electrical Characteristics ................................................................. 3
1 kΩ Version.................................................................................. 3
10 kΩ, 50 kΩ, 100 kΩ Versions ................................................... 5
Interface Timing Characteristics (All Parts)............................. 7
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configuration and Functional Descriptions.......................... 9
Typical Performance Characteristics ........................................... 10
I2C Interface..................................................................................... 14
I2C Interface General Description............................................ 14
I2C Interface Detail Description ............................................... 15
I2C Compatible 2-Wire Serial Bus............................................ 19
Theory of Operation ...................................................................... 20
Linear Increment and Decrement Commands ...................... 20
±6 dB Adjustments (Doubling/Halving Wiper Setting)........ 20
Digital Input/Output Configuration........................................ 21
Multiple Devices On One Bus .................................................. 21
Terminal Voltage Operation Range ......................................... 22
Power-Up and Power-Down Sequences.................................. 22
Layout and Power Supply Biasing ............................................ 22
Digital Potentiometer Operation ............................................. 23
Programmable Rheostat Operation......................................... 23
Programmable Potentiometer Operation ............................... 24
Applications..................................................................................... 25
RGB LED LCD Backlight Controller....................................... 25
Outline Dimensions ....................................................................... 27
Ordering Guide .......................................................................... 27
REVISION HISTORY
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com