Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6635 Datasheet(PDF) 49 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6635 Datasheet HTML 45Page - Analog Devices AD6635 Datasheet HTML 46Page - Analog Devices AD6635 Datasheet HTML 47Page - Analog Devices AD6635 Datasheet HTML 48Page - Analog Devices AD6635 Datasheet HTML 49Page - Analog Devices AD6635 Datasheet HTML 50Page - Analog Devices AD6635 Datasheet HTML 51Page - Analog Devices AD6635 Datasheet HTML 52Page - Analog Devices AD6635 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
REV. 0
AD6635
–49–
Table XV. Memory Map for Output Port Control Registers (continued)
Channel Address (hex)
Register
Bit Width
Comments
3: Channel 2
2: Channel 1/AGC B Enable
1: Channel 0/AGC A Enable
0: AGC_CH Select
1: Data Comes from AGCs
0: Data Comes from Channels
1B
Link A Control
8
7: Link Port A Enable
6–3: Wait
2: No RSSI Word
1: Don’t Output RSSI Word
0: Output RSSI Word
1: Channel Data Interleaved
1: 2-Channel Mode/Separate A, B
0: 4-Channel Mode/A, B Same Port
0: AGC_CH Select
1: Data Comes from AGCs
0: Data Comes from Channels
1C
Parallel B Control
8
7–6: Reserved
5: Parallel Port Data Format
1: 8-Bit Parallel I, Q
0: 16-Bit Interleaved I, Q
4: Channel 3
3: Channel 2
2: Channel 1/AGC B Enable
1: Channel 0/AGC A Enable
0: AGC_CH Select
1: Data Comes from AGCs
0: Data Comes from Channels
1D
Link B Control
8
7: Link Port A Enable
6–3: Wait
2: No RSSI Word
1: Don’t Output RSSI Word
0: Output RSSI Word
1: Channel Data Interleaved
1: 2-Channel Mode/Separate A, B
0: 4-Channel Mode/A, B Same Port
0: AGC_CH Select
1: Data Comes from AGCs
0: Data Comes from Channels
1E
Port Clock Control
3
2–1: PCLK Divisor
0: PCLK Master/Slave1
0: Slave
1: Master
1PCLK boots as slave to avoid contention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com