Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6635 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 1 Page - Analog Devices

  AD6635 Datasheet HTML 1Page - Analog Devices AD6635 Datasheet HTML 2Page - Analog Devices AD6635 Datasheet HTML 3Page - Analog Devices AD6635 Datasheet HTML 4Page - Analog Devices AD6635 Datasheet HTML 5Page - Analog Devices AD6635 Datasheet HTML 6Page - Analog Devices AD6635 Datasheet HTML 7Page - Analog Devices AD6635 Datasheet HTML 8Page - Analog Devices AD6635 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD6635
4-Channel, 80 MSPS WCDMA
Receive Signal Processor (RSP)
FUNCTIONAL BLOCK DIAGRAM
INA[13:0]
EXPA[2:0]
IENA
LIA-A
LIA-B
INB[13:0]
EXPB[2:0]
LIB-A
LIB-B
IENB
INC[13:0]
EXPC[2:0]
IENC
LIB-A
LIB-B
IND[13:0]
EXPD[2:0]
LID-A
LID-B
IEND
SYNCA
SYNCB
SYNCC
SYNCD
EXTERNAL
SYNC.
CIRCUIT
I
N
P
U
T
M
A
T
R
I
X
I
N
P
U
T
M
A
T
R
I
X
NCO
NCO
NCO
NCO
NCO
NCO
NCO
NCO
rCIC2
RESAMPLER
CIC5
rCIC2
RESAMPLER
CIC5
rCIC2
RESAMPLER
CIC5
rCIC2
RESAMPLER
CIC5
rCIC2
RESAMPLER
CIC5
rCIC2
RESAMPLER
CIC5
rCIC2
RESAMPLER
CIC5
rCIC2
RESAMPLER
CIC5
CLK
RSP
CLK
RAM
COEFFICIENT
FILTER
CHANNEL 0
RAM
COEFFICIENT
FILTER
CHANNEL 1
RAM
COEFFICIENT
FILTER
CHANNEL 2
RAM
COEFFICIENT
FILTER
CHANNEL 3
RAM
COEFFICIENT
FILTER
CHANNEL 4
RAM
COEFFICIENT
FILTER
CHANNEL 5
RAM
COEFFICIENT
FILTER
CHANNEL 6
RAM
COEFFICIENT
FILTER
CHANNEL 7
BUILT-IN (BIST)
SELF-TEST CIRCUITRY
TO A AND B
OUTPUT
PORTS
TO A AND B
OUTPUT
PORTS
TO A AND B
OUTPUT
PORTS
TO A AND B
OUTPUT
PORTS
CH B INTERPOLATING
HALF-BAND FILTER,
INTERLEAVING & AGC
CH A INTERPOLATING
HALF-BAND FILTER,
INTERLEAVING & AGC
CH C INTERPOLATING
HALF-BAND FILTER,
INTERLEAVING & AGC
CH D INTERPOLATING
HALF-BAND FILTER,
INTERLEAVING & AGC
TO C AND D
OUTPUT
PORTS
TO C AND D
OUTPUT
PORTS
TO C AND D
OUTPUT
PORTS
TO C AND D
OUTPUT
PORTS
MICROPORT OR SERIAL
PORT CONTROL
RCF OUTPUTS
CHANNELS 0, 1, 2,3
RCF OUTPUTS
CHANNELS 0, 1, 2,3
RCF OUTPUTS
CHANNELS 4, 5, 6,7
RCF OUTPUTS
CHANNELS 4, 5, 6,7
PORT A
LINK PORT
OR
PARALLEL
PORT
CH A AND B
OUTPUT MUX
CIRCUITRY
PORT B
LINK PORT
OR
PARALLEL
PORT
PORT C
8-BIT DSP
LINK PORT
OR
16-BIT
PARALLEL
OUTPUT
PORT D
8-BIT DSP
LINK PORT
OR
16-BIT
PARALLEL
OUTPUT
CH C AND D
OUTPUT MUX
CIRCUITRY
FEATURES
Four 80 MSPS Wideband Inputs (14 Linear Bits Plus 3 RSSI)
4 Real Input Ports/2 Complex Input Ports
Processes 4 Wideband Channels (UMTS or cdma2000
1x) or 8 GSM/EDGE, IS136 Channels
8 Independent Digital Receivers in a Single Package
Four 16-Bit Parallel Output Ports and Four 8-Bit Link Ports
4 Programmable Digital AGC Loops with 96 dB Range
Digital Resampling for Noninteger Decimation Rates
Programmable Decimating FIR Filters
4 Interpolating Half-Band Filters
Flexible Control for Multicarrier and Phased Array
Programmable Attenuator Control for Clip Prevention and
External Gain Ranging via Level Indicator
3.3 V I/O, 2.5 V CMOS Core
User Configurable Built-in Self Test (BIST) Capability
APPLICATIONS
Multicarrier, Multimode Digital Receivers
GSM, IS136, EDGE, PHS, IS95, UMTS, cdma2000
Micro and Pico Cell Systems, Software Radios
Wireless Local Loop
Smart Antenna Systems
In-Building Wireless Telephony


Similar Part No. - AD6635

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6635 AD-AD6635_15 Datasheet
805Kb / 60P
4-Channel, 80 MSPS WCDMA Receive Signal Processor
REV. 0
More results

Similar Description - AD6635

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6620 AD-AD6620 Datasheet
354Kb / 43P
65 MSPS Digital Receive Signal Processor
REV. 0
AD6634 AD-AD6634 Datasheet
925Kb / 52P
80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
REV.0
AD6624A AD-AD6624A Datasheet
636Kb / 40P
Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV.0
AD6624 AD-AD6624 Datasheet
509Kb / 40P
Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
67 MSPS Digital Receive Signal Processor
REV. A
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
AD6635 AD-AD6635_15 Datasheet
805Kb / 60P
4-Channel, 80 MSPS WCDMA Receive Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com