Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6635 Datasheet(PDF) 2 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 2 Page - Analog Devices

  AD6635 Datasheet HTML 1Page - Analog Devices AD6635 Datasheet HTML 2Page - Analog Devices AD6635 Datasheet HTML 3Page - Analog Devices AD6635 Datasheet HTML 4Page - Analog Devices AD6635 Datasheet HTML 5Page - Analog Devices AD6635 Datasheet HTML 6Page - Analog Devices AD6635 Datasheet HTML 7Page - Analog Devices AD6635 Datasheet HTML 8Page - Analog Devices AD6635 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
REV. 0
–2–
AD6635
GENERAL DESCRIPTION
The AD6635 is a multimode, 8-channel, digital Receive Signal
Processor (RSP) capable of processing up to four WCDMA
channels. Each channel consists of four cascaded signal-process-
ing elements: a frequency translator, two CIC decimating filters,
and a programmable coefficient-decimating filter. Each input
port has input level threshold detection circuitry for accommo-
dating large dynamic ranges or situations where gain ranging
converters are used. Quad 16-bit parallel output ports accom-
modate high data rate WBCDMA applications. On-chip
interpolating half-band filters can also be used to further
increase the output rate. In addition, each output port has a
digital AGC for accommodating large dynamic ranges using
smaller bit widths. The AGCs can maintain either signal level or
clipping level, depending on their mode. Link port outputs are
provided to enable glueless interfaces to Analog Devices’
TigerSHARC DSP core.
The AD6635 is part of Analog Devices’ SoftCell Multicarrier
transceiver chipset designed for compatibility with Analog Devices’
family of high sample rate IF sampling ADCs (AD9238/AD6645
12-bit and 14-bit). The SoftCell receiver comprises a digital
receiver capable of digitizing an entire spectrum of carriers and
digitally selecting the carrier of interest for tuning and channel
selection. This architecture eliminates redundant radios in wireless
base station applications.
High dynamic range decimation filters offer a wide range of
decimation rates. The RAM-based architecture allows easy
reconfiguration for multimode applications.
The decimating filters remove unwanted signals and noise from
the channel of interest. When the channel of interest occupies
less bandwidth than the input signal, this rejection of out-of-band
noise is called “processing gain.” By using large decimation
factors, processing gain can improve the SNR of the ADC by
30 dB or more. In addition, the programmable RAM coefficient
filter allows antialiasing, matched filtering, and static equaliza-
tion functions to be combined in a single, cost-effective filter.
Half-band interpolating filters at the output are used in various
applications, especially in WCDMA or cdma2000 applications,
to increase the output rate from 2
¥ to 4¥ the chip rate. The
AD6635 is equipped with four independent automatic gain
control (AGC) loops for direct interface to a RAKE receiver.
The AD6635 is compatible with standard ADC converters, such
as the AD664x, AD943x, AD923x, and the AD922x families of
data converters. The AD6635 is also compatible with the
AD6600 Diversity ADC, and hence can be designed into exist-
ing systems that use AD6600 ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com